Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUB323ZT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BUB323ZT4G
Description  NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUB323ZT4G Datasheet(HTML) 5 Page - ON Semiconductor

  BUB323ZT4G Datasheet HTML 1Page - ON Semiconductor BUB323ZT4G Datasheet HTML 2Page - ON Semiconductor BUB323ZT4G Datasheet HTML 3Page - ON Semiconductor BUB323ZT4G Datasheet HTML 4Page - ON Semiconductor BUB323ZT4G Datasheet HTML 5Page - ON Semiconductor BUB323ZT4G Datasheet HTML 6Page - ON Semiconductor BUB323ZT4G Datasheet HTML 7Page - ON Semiconductor BUB323ZT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUB323Z
http://onsemi.com
5
Figure 5. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
10000
1000
100
10
100
1000
10000
TJ = 125°C
25
°C
−40
°C
VCE = 1.5 V
Figure 6. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
100000
1000
100
10
100
1000
10000
TYPICAL
VCE = 5 V, TJ = 25°C
10000
TYP + 6
Σ
TYP − 6
Σ
Figure 7. Collector Saturation Region
IB, BASE CURRENT (MILLIAMPS)
100
10
1
0
2.5
4.0
5.0
TJ = 25°C
IC = 3 A
4.5
2.0
3.5
3.0
1.0
0.5
1.5
5 A
7 A
8 A
10 A
Figure 8. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.4
1.4
2.0
2.4
2.2
1.2
1.8
1.6
0.8
0.6
1.0
TJ = 125°C
25
°C
IC/IB = 150
Figure 9. Base−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.8
1.8
2.0
1.4
1.6
1.2
1.0
Figure 10. Base−Emitter “ON” Voltages
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.6
1.4
1.8
2.0
1.2
1.6
0.8
1.0
IC/IB = 150
TJ = 25°C
125
°C
VCE = 2 VOLTS
TJ = 25°C
125
°C


Similar Part No. - BUB323ZT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUB323ZT4G ONSEMI-BUB323ZT4G Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results

Similar Description - BUB323ZT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_06 Datasheet
142Kb / 7P
   NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27_10 Datasheet
532Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29 Datasheet
322Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZTA27 CENTRAL-CZTA27 Datasheet
526Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com