Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV32-200G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BYV32-200G
Description  SWITCHMODE TM Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BYV32-200G Datasheet(HTML) 5 Page - ON Semiconductor

  BYV32-200G Datasheet HTML 1Page - ON Semiconductor BYV32-200G Datasheet HTML 2Page - ON Semiconductor BYV32-200G Datasheet HTML 3Page - ON Semiconductor BYV32-200G Datasheet HTML 4Page - ON Semiconductor BYV32-200G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BYV32−200
http://onsemi.com
5
PACKAGE DIMENSIONS
TO−220 THREE−LEAD
TO−220AB
CASE 221A−09
ISSUE AD
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 6:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
BYV32−200/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - BYV32-200G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYV32-200G ONSEMI-BYV32-200G Datasheet
97Kb / 5P
   Switch.mode Power Rectifier
November, 2014 ??Rev. 5
More results

Similar Description - BYV32-200G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MBR4015CTL ONSEMI-MBR4015CTL Datasheet
49Kb / 4P
   SWITCHMODE TM Power Rectifier
September, 2005 ??Rev. 4
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MUR220 ONSEMI-MUR220_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
MBRP40030CTL ONSEMI-MBRP40030CTL Datasheet
65Kb / 8P
   POWERTAP-TM II SWITCHMODE-TM Power Rectifier
October, 2000 ??Rev. 2
MUR480E ONSEMI-MUR480E_07 Datasheet
88Kb / 6P
   SWITCHMODE TM Power Rectifiers
February, 2007 ??Rev. 7
BYW80 ONSEMI-BYW80 Datasheet
59Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
MUR420 ONSEMI-MUR420_06 Datasheet
67Kb / 7P
   SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com