Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F04B55N6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29F04B55N6E
Description  4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F04B55N6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29F04B55N6E Datasheet HTML 6Page - STMicroelectronics M29F04B55N6E Datasheet HTML 7Page - STMicroelectronics M29F04B55N6E Datasheet HTML 8Page - STMicroelectronics M29F04B55N6E Datasheet HTML 9Page - STMicroelectronics M29F04B55N6E Datasheet HTML 10Page - STMicroelectronics M29F04B55N6E Datasheet HTML 11Page - STMicroelectronics M29F04B55N6E Datasheet HTML 12Page - STMicroelectronics M29F04B55N6E Datasheet HTML 13Page - STMicroelectronics M29F04B55N6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M29F040B
10/20
Figure 4. Data Polling Flowchart
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
at VALID ADDRESS
FAIL
PASS
AI03598
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO
Figure 5. Data Toggle Flowchart
READ DQ6
START
READ DQ6
TWICE
FAIL
PASS
AI01370B
DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
= 1
NO
YES
DQ6
=
TOGGLE
READ
DQ5 & DQ6
Erase Timer Bit (DQ3). The Erase Timer Bit can
be used to identify the start of Program/Erase
Controller operation during a Block Erase com-
mand. Once the Program/Erase Controller starts
erasing the Erase Timer Bit is set to ’1’. Before the
Program/Erase Controller starts the Erase Timer
Bit is set to ’0’ and additional blocks to be erased
may be written to the Command Interface. The
Erase Timer Bit is output on DQ3 when the Status
Register is read.
Alternative Toggle Bit (DQ2). The
Alternative
Toggle Bit can be used to monitor the Program/
Erase controller during Erase operations. The Al-
ternative Toggle Bit is output on DQ2 when the
Status Register is read.
During Chip Erase and Block Erase operations the
Toggle Bit changes from ’0’ to ’1’ to ’0’, etc., with
successive Bus Read operations from addresses
within the blocks being erased. Once the operation
completes the memory returns to Read mode.
During Erase Suspend the Alternative Toggle Bit
changes from ’0’ to ’1’ to ’0’, etc. with successive
Bus Read operations from addresses within the
blocks being erased. Bus Read operations to ad-
dresses within blocks not being erased will output
the memory cell data as if in Read mode.
After an Erase operation that causes the Error Bit
to be set the Alternative Toggle Bit can be used to
identify which block or blocks have caused the er-
ror. The Alternative Toggle Bit changes from ’0’ to
’1’ to ’0’, etc. with successive Bus Read Opera-
tions from addresses within blocks that have not
erased correctly. The Alternative Toggle Bit does
not change if the addressed block has erased cor-
rectly.


Similar Part No. - M29F04B55N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F040-120K1R STMICROELECTRONICS-M29F040-120K1R Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F040-120K1TR STMICROELECTRONICS-M29F040-120K1TR Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F040-120K3R STMICROELECTRONICS-M29F040-120K3R Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F040-120K3TR STMICROELECTRONICS-M29F040-120K3TR Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
More results

Similar Description - M29F04B55N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
   4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com