Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX53C Datasheet(PDF) 5 Page - ON Semiconductor

Part # BDX53C
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX53C Datasheet(HTML) 5 Page - ON Semiconductor

  BDX53C Datasheet HTML 1Page - ON Semiconductor BDX53C Datasheet HTML 2Page - ON Semiconductor BDX53C Datasheet HTML 3Page - ON Semiconductor BDX53C Datasheet HTML 4Page - ON Semiconductor BDX53C Datasheet HTML 5Page - ON Semiconductor BDX53C Datasheet HTML 6Page - ON Semiconductor BDX53C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BDX53B, BDX53C (NPN), BDX54B, BDX54C (PNP)
http://onsemi.com
5
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 4.0 V
VBE @ VCE = 4.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C
0.1
0.2 0.3
0.5 0.7
1.0
2.0
10
7.0
3.0
5.0
0.1
0.2 0.3
0.5 0.7
1.0
2.0
10
7.0
3.0
5.0
3.0
2.5
2.0
1.5
1.0
0.5
3.0
2.5
2.0
1.5
1.0
0.5
+5.0
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
−55 to 150
°C
+4.0
+3.0
+1.0
0
−4.0
−1.0
−2.0
−3.0
−5.0
qVB for VBE
*
qVC for VCE(sat)
−55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v hFE/3
0.5 0.7
+2.0
NPN
BDX53B, BDX53C
PNP
BDX54B, BDX54C
+5.0
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
−55 to 150
°C
+4.0
+3.0
+1.0
0
−4.0
−1.0
−2.0
−3.0
−5.0
qVB for VBE
*
qVC for VCE(sat)
−55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v hFE/3
0.5 0.7
+2.0
Figure 12. Collector Cut−Off Region
105
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10− 1
+0.2 +0.4
0
−0.2
−0.4
−0.6
VCE = 30 V
REVERSE
FORWARD
103
104
+0.6
+0.8
+1.0 +1.2 + 1.4
TJ = 150°C
100
°C
25
°C
105
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10− 1
−0.2 −0.4
0
+0.2
+0.4
+0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
−0.6 −0.8
−1.0
−1.2 −1.4


Similar Part No. - BDX53C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53C MOSPEC-BDX53C Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX53C ONSEMI-BDX53C Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53C MOTOROLA-BDX53C Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX53C ETC-BDX53C Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
ON Semiconductor
BDX53C ONSEMI-BDX53C Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

Similar Description - BDX53C

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com