Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD682G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD682G
Description  Plastic Medium?뭁ower Silicon PNP Darlingtons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD682G Datasheet(HTML) 2 Page - ON Semiconductor

  BD682G Datasheet HTML 1Page - ON Semiconductor BD682G Datasheet HTML 2Page - ON Semiconductor BD682G Datasheet HTML 3Page - ON Semiconductor BD682G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD676, BD676A, BD678, BD678A, BD680, BD680A, BD682, BD682T
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
BD676, 676A
(IC = 50 mAdc, IB = 0)
BD678, 678A
BD680, 680A
BD682
BVCEO
45
60
80
100
Vdc
Collector Cutoff Current (VCE = Half Rated VCEO, IB = 0)
ICEO
500
mAdc
Collector Cutoff Current
(VCB = Rated BVCEO, IE = 0)
(VCB = Rated BVCEO. IE = 0, TC = 100°C)
ICBO
0.2
2.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
BD676, 678, 680, 682
(IC = 2.0 Adc, VCE = 3.0 Vdc)
BD676A, 678A, 680A
hFE
750
750
Collector−Emitter Saturation Voltage (Note 1)
(IC = 1.5 Adc, IB = 30 mAdc)
BD678, 680, 682
(IC = 2.0 Adc, IB = 40 mAdc)
BD676A, 678A, 680A
VCE(sat)
2.5
2.8
Vdc
Base−Emitter On Voltage (Note 1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
BD678, 680, 682
(IC = 2.0 Adc, VCE = 3.0 Vdc)
BD676A, 678A, 680A
VBE(on)
2.5
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain (IC = 1.5 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
hfe
1.0
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
50
40
10
5.0
0
15
30
45
60
75
105
135 150 165
Figure 1. Power Temperature Derating
TC, CASE TEMPERATURE (°C)
120
90
45
20
15
30
25
35
Figure 2. DC Safe Operating Area
5.0
1.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
2.0
1.0
0.5
0.05
2.0
5.0
10
50
100
BONDING WIRE LIMIT
THERMAL LIMIT at TC = 25°C
SECONDARY BREAKDOWN LIMIT
0.2
0.1
TC = 25°C
BD676, 676A
BD678, 678A
BD680, 680A
BD682
20
There are two limitations on the power handling ability of
a transistor average junction temperature and secondary
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; e.g., the transistor must not be subjected to greater
dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by secondary breakdown.


Similar Part No. - BD682G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD682G ONSEMI-BD682G Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
December, 2013 ??Rev. 14
More results

Similar Description - BD682G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
logo
Motorola, Inc
BD676 MOTOROLA-BD676 Datasheet
110Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
logo
ON Semiconductor
BD676G ONSEMI-BD676G_13 Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
December, 2013 ??Rev. 14
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com