Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB41H100CT-1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRB41H100CT-1
Description  SWITCHMODE Power Rectifier 100 V, 40 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB41H100CT-1 Datasheet(HTML) 3 Page - ON Semiconductor

  MBRB41H100CT-1 Datasheet HTML 1Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 2Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 3Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 4Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 5Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 6Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 7Page - ON Semiconductor MBRB41H100CT-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MBR41H100CT, MBRB41H100CT, MBRB41H100CT−1
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
1
0.1
0.4
0
0.2
1.0
TJ = 150°C
TJ = 25°C
0.8
0.6
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
20
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E−01
1.0E−02
1.0E−03
1.0E−06
1.0E−08
40
TJ = 125°C
TJ = 150°C
TJ = 25°C
Figure 5. Current Derating
TC, CASE TEMPERATURE (°C)
120
110
10
5
0
140
150
130
160
SQUARE WAVE
dc
15
0
IO, AVERAGE FORWARD CURRENT (AMPS)
50
5
0
510
SQUARE
Figure 6. Forward Power Dissipation
25
1.2
10
TJ = 125°C
60
80
100
1.0E−07
1.0E−05
1.0E−04
20
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E−01
1.0E−02
1.0E−03
1.0E−06
1.0E−08
40
TJ = 125°C
TJ = 150°C
TJ = 25°C
60
80
100
1.0E−07
1.0E−05
1.0E−04
170
180
100
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
1
0.1
0.4
0
0.2
1.0
TJ = 150°C
TJ = 25°C
0.8
0.6
1.2
10
TJ = 125°C
10
15
20
30
35
DC
25
15
25
20
20
100
100
35
30
40
45
40
30
35
50
45


Similar Part No. - MBRB41H100CT-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB41H100CT-1G ONSEMI-MBRB41H100CT-1G Datasheet
117Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 9
MBRB41H100CT-1H ONSEMI-MBRB41H100CT-1H Datasheet
117Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 9
More results

Similar Description - MBRB41H100CT-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR40250 ONSEMI-MBR40250_06 Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com