Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD787G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD787G
Description  Complementary Plastic Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD787G Datasheet(HTML) 1 Page - ON Semiconductor

  BD787G Datasheet HTML 1Page - ON Semiconductor BD787G Datasheet HTML 2Page - ON Semiconductor BD787G Datasheet HTML 3Page - ON Semiconductor BD787G Datasheet HTML 4Page - ON Semiconductor BD787G Datasheet HTML 5Page - ON Semiconductor BD787G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 11
1
Publication Order Number:
BD787/D
BD787 − NPN, BD788 − PNP
Complementary Plastic
Silicon Power Transistors
These devices are designed for lower power audio amplifier and
low current, high−speed switching applications.
Features
Low Collector−Emitter Sustaining Voltage − VCEO(sus) 60 Vdc (Min)
High Current−Gain − Bandwidth Product −
fT = 50 MHz (Min) @ IC = 100 mAdc
Collector−Emitter Saturation Voltage Specified at 0.5, 1.0, 2.0 and
4.0 Adc
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Base Voltage
VCBO
80
Vdc
Emitter Base Voltage
VEBO
6.0
Vdc
Collector Current
− Continuous
− Peak
IC
4.0
8.0
Adc
Base Current
− Continuous
IB
1.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
15
0.12
W
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
8.34
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BD787
TO−225
500 Units/Box
4 AMPERES
POWER TRANSISTORS
COMPLEMENTARY SILICON
60 VOLTS, 15 WATTS
http://onsemi.com
BD787G
TO−225
(Pb−Free)
500 Units/Box
TO−225
CASE 77
STYLE 1
2 1
3
MARKING DIAGRAM
YWW
BD78xG
Y
= Year
WW
= Work Week
BD78x = Device Code
x = 7 or 8
G
= Pb−Free Package
BD788
TO−225
500 Units/Box
BD788G
TO−225
(Pb−Free)
500 Units/Box


Similar Part No. - BD787G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD787G ONSEMI-BD787G Datasheet
106Kb / 6P
   Complementary Plastic Silicon Power Transistors
December, 2013 ??Rev. 13
More results

Similar Description - BD787G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com