Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD675AG Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD675AG
Description  Plastic Medium?뭁ower Silicon NPN Darlingtons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD675AG Datasheet(HTML) 1 Page - ON Semiconductor

  BD675AG Datasheet HTML 1Page - ON Semiconductor BD675AG Datasheet HTML 2Page - ON Semiconductor BD675AG Datasheet HTML 3Page - ON Semiconductor BD675AG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 12
1
Publication Order Number:
BD675/D
BD675, BD675A, BD677,
BD677A, BD679, BD679A,
BD681
BD681 is a Preferred Device
Plastic Medium−Power
Silicon NPN Darlingtons
This series of plastic, medium−power silicon NPN Darlington
transistors can be used as output devices in complementary
general−purpose amplifier applications.
Features
High DC Current Gain:
hFE = 750 (Min) @ IC
= 1.5 and 2.0 Adc
Monolithic Construction
BD675, 675A, 677, 677A, 679, 679A, 681 are complementary
with BD676, 676A, 678, 678A, 680, 680A, 682
BD677, 677A, 679, 679A are equivalent to MJE 800, 801, 802, 803
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD675, A
BD677, A
BD679, A
BD681
VCEO
45
60
80
100
Vdc
Collector−Base Voltage
BD675, A
BD677, A
BD679, A
BD681
VCBO
45
60
80
100
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
40
0.32
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
qJC
3.13
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
4.0 AMPERES
POWER TRANSISTORS
NPN SILICON
60, 80, 100 VOLTS, 40 WATTS
TO−225AA
CASE 77
STYLE 1
MARKING DIAGRAMS
YWW
BD6xxG
3
2 1
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
BD6xx
= Device Code
x = 75, 77, 79, 81
Y
= Year
WW
= Work Week
G
= Pb−Free Package
YWW
B
BD6xxAG


Similar Part No. - BD675AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD675AG ONSEMI-BD675AG Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
December, 2013 ??Rev. 15
More results

Similar Description - BD675AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD676 ONSEMI-BD676 Datasheet
59Kb / 4P
   Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
BD675 ONSEMI-BD675_08 Datasheet
109Kb / 4P
   Plastic Medium?좵ower Silicon NPN Darlingtons
September, 2008 ??Rev. 13
logo
Motorola, Inc
BD675 MOTOROLA-BD675 Datasheet
112Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
New Jersey Semi-Conduct...
BD675 NJSEMI-BD675 Datasheet
99Kb / 2P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
ON Semiconductor
BD675G ONSEMI-BD675G_13 Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
December, 2013 ??Rev. 15
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com