Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30H100CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR30H100CTG
Description  SWITCHMODE Power Rectifier 100 V, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30H100CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MBR30H100CTG Datasheet HTML 1Page - ON Semiconductor MBR30H100CTG Datasheet HTML 2Page - ON Semiconductor MBR30H100CTG Datasheet HTML 3Page - ON Semiconductor MBR30H100CTG Datasheet HTML 4Page - ON Semiconductor MBR30H100CTG Datasheet HTML 5Page - ON Semiconductor MBR30H100CTG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR30H100CT
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(TC = 156°C)
Per Diode
Per Device
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Square Wave, 20 kHz, TC = 151°C)
IFM
30
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
250
A
Operating Junction Temperature (Note 1)
TJ
+175
°C
Storage Temperature
Tstg
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Controlled Avalanche Energy (see test conditions in Figures 11 and 12)
WAVAL
200
mJ
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance − Junction−to−Case (Min. Pad)
− Junction−to−Ambient (Min. Pad)
RqJC
RqJA
2.0
60
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Min
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 15 A, TJ = 25°C)
(iF = 15 A, TJ = 125°C)
(iF = 30 A, TJ = 25°C)
(iF = 30 A, TJ = 125°C)
vF
0.76
0.64
0.88
0.76
0.80
0.67
0.93
0.80
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TJ = 125°C)
(Rated DC Voltage, TJ = 25°C)
iR
1.1
0.0008
6.0
0.0045
mA
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR30H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
128Kb / 8P
   SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 4
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
87Kb / 8P
   Switch?릑ode Power Rectifier
July, 2016 ??Rev. 6
More results

Similar Description - MBR30H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBR30H80CT ONSEMI-MBR30H80CT Datasheet
113Kb / 6P
   SWITCHMODE??Power Rectifier 80 V, 30 A
February, 2009 ??Rev. 2
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com