Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF20H100CT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRF20H100CT
Description  SWITCHMODE Power Rectifier 100 V, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF20H100CT Datasheet(HTML) 4 Page - ON Semiconductor

  MBRF20H100CT Datasheet HTML 1Page - ON Semiconductor MBRF20H100CT Datasheet HTML 2Page - ON Semiconductor MBRF20H100CT Datasheet HTML 3Page - ON Semiconductor MBRF20H100CT Datasheet HTML 4Page - ON Semiconductor MBRF20H100CT Datasheet HTML 5Page - ON Semiconductor MBRF20H100CT Datasheet HTML 6Page - ON Semiconductor MBRF20H100CT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR20H100CT, MBRB20H100CT, MBRF20H100CT
http://onsemi.com
4
0
VR, REVERSE VOLTAGE (VOLTS)
100
10
40
80
TJ = 25°C
Figure 7. Capacitance
100
20
60
10000
1000
Figure 8. Thermal Response Junction−to−Ambient for MBR20H100CT and MBRB20H100CT
1000
0.1
0.00001
t1, TIME (sec)
1
0.0001
0.001
0.01
1
10
100
0.000001
0.1
10
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
Figure 9. Thermal Response Junction−to−Case for MBR20H100CT and MBRB20H100CT
1000
0.1
0.00001
t1, TIME (sec)
10
0.01
0.0001
0.001
0.01
1
10
100
0.000001
0.1
1
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
0.01


Similar Part No. - MBRF20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF20H100CT VISHAY-MBRF20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRF20H100CT VISHAY-MBRF20H100CT Datasheet
162Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
01-Jan-2022
MBRF20H100CT VISHAY-MBRF20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
SUNMATE electronic Co.,...
MBRF20H100CT SUNMATE-MBRF20H100CT Datasheet
735Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF20H100CT TSC-MBRF20H100CT Datasheet
565Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20H100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
   SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR41H100CT ONSEMI-MBR41H100CT_07 Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com