Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD675A Datasheet(PDF) 3 Page - ON Semiconductor

Part # BD675A
Description  Plastic Medium?뭁ower Silicon NPN Darlingtons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD675A Datasheet(HTML) 3 Page - ON Semiconductor

  BD675A Datasheet HTML 1Page - ON Semiconductor BD675A Datasheet HTML 2Page - ON Semiconductor BD675A Datasheet HTML 3Page - ON Semiconductor BD675A Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD675, BD675A, BD677, BD677A, BD679, BD679A, BD681
http://onsemi.com
3
Figure 3. Darlington Circuit Schematic
BASE
NPN
BD675, 675A
BD677, 677A
BD679, 679A
BD681
COLLECTOR
EMITTER
[ 8.0 k
[ 120
ORDERING INFORMATION
Device
Package
Shipping
BD675
TO−225AA
500 Units / Box
BD675G
TO−225AA
(Pb−Free)
500 Units / Box
BD675A
TO−225AA
500 Units / Box
BD675AG
TO−225AA
(Pb−Free)
500 Units / Box
BD677
TO−225AA
500 Units / Box
BD677G
TO−225AA
(Pb−Free)
500 Units / Box
BD677A
TO−225AA
500 Units / Box
BD677AG
TO−225AA
(Pb−Free)
500 Units / Box
BD679
TO−225AA
500 Units / Box
BD679G
TO−225AA
(Pb−Free)
500 Units / Box
BD679A
TO−225AA
500 Units / Box
BD679AG
TO−225AA
(Pb−Free)
500 Units / Box
BD681
TO−225AA
500 Units / Box
BD681G
TO−225AA
(Pb−Free)
500 Units / Box


Similar Part No. - BD675A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD675A MOTOROLA-BD675A Datasheet
112Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
Continental Device Indi...
BD675A CDIL-BD675A Datasheet
182Kb / 4P
   NPN PLASTIC POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
logo
New Jersey Semi-Conduct...
BD675A NJSEMI-BD675A Datasheet
99Kb / 2P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
TRANSYS Electronics Lim...
BD675A TEL-BD675A Datasheet
130Kb / 3P
   NPN PLASTIC POWER DARLINGTON TRANSISTORS
More results

Similar Description - BD675A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD676 ONSEMI-BD676 Datasheet
59Kb / 4P
   Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
BD675 ONSEMI-BD675_08 Datasheet
109Kb / 4P
   Plastic Medium?좵ower Silicon NPN Darlingtons
September, 2008 ??Rev. 13
logo
Motorola, Inc
BD675 MOTOROLA-BD675 Datasheet
112Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
New Jersey Semi-Conduct...
BD675 NJSEMI-BD675 Datasheet
99Kb / 2P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
ON Semiconductor
BD675G ONSEMI-BD675G_13 Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
December, 2013 ??Rev. 15
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com