Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29372BU Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC29372BU
Description  750mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29372BU Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC29372BU Datasheet HTML 1Page - Micrel Semiconductor MIC29372BU Datasheet HTML 2Page - Micrel Semiconductor MIC29372BU Datasheet HTML 3Page - Micrel Semiconductor MIC29372BU Datasheet HTML 4Page - Micrel Semiconductor MIC29372BU Datasheet HTML 5Page - Micrel Semiconductor MIC29372BU Datasheet HTML 6Page - Micrel Semiconductor MIC29372BU Datasheet HTML 7Page - Micrel Semiconductor MIC29372BU Datasheet HTML 8Page - Micrel Semiconductor MIC29372BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
May 2006
3
MIC2937A/29371/29372
Electrical Characteristics
Limits in standard typeface are for T
J = 25°C and limits in boldface apply over the full operating temperature range. Unless other-
wise specified, V
IN = VOUT + 1V, IL = 5mA, CL = 10µF. The MIC29372 are programmed for a 5V output voltage, and VSHUTDOWN ≤ 0.6V
(MIC29371-xx and MIC29372 only).
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage
Variation from factory trimmed V
OUT
–1
1
%
Accuracy
–2
2
5mA ≤ I
L ≤ 500mA
–2.5
2.5
MIC2937A-12 and 29371-12 only:
–1.5
1.5
–3
3
5mA ≤ I
L ≤ 500mA
–4
4
ΔV
O
Output Voltage
(
Note 2)
20
100
ppm/°C
ΔT
Temperature Coef.
Output voltage > 10V
80
350
ΔV
O
Line Regulation
V
IN = VOUT + 1V to 26V
0.03
0.10
%
V
O
0.40
ΔV
O
Load Regulation
I
L = 5 to 500mA
0.04
0.16
%
V
O
(
Note 3)
0.30
V
IN – VO
Dropout Voltage
I
L = 5mA
80
150
mV
(
Note 4)
180
I
L = 100mA
200
Output voltage > 10V
240
I
L = 500mA
300
Output voltage > 10V
420
I
L = 750mA
370
600
750
I
GND
Ground Pin Current
I
L = 5mA
160
250
µA
(
Note 5)
300
I
L = 100mA
1
2.5
mA
3
I
L = 500mA
8
13
16
I
L = 750mA
15
25
I
GNDDO
Ground Pin
V
IN = 0.5V less than designed VOUT
200
500
µA
Current at Dropout
(V
OUT ≥ 3.3V)
(
Note 5)
I
O = 5mA
I
LIMIT
Current Limit
V
OUT = 0V
1.1
1.5
A
(
Note 6)
2
ΔV
O
Thermal Regulation
(
Note 7)
0.05
0.2
%/W
ΔP
D
e
n
Output Noise
C
L = 10µF
400
µV RMS
Voltage
(10Hz to 100kHz)
C
L = 100µF
260
I
L = 100mA
Absolute Maximum Ratings
Power Dissipation (
Note 1)...............................................Internally Limited
Lead Temperature (Soldering, 5 seconds).........................................260°C
Storage Temperature Range.............................................–65°C to +150°C
Operating Junction Temperature Range ..........................–40°C to +125°C
TO-220 θ
JC .....................................................................................2.5°C/W
TO-263 θ
JC .....................................................................................2.5°C/W
Input Supply Voltage..............................................................–20V to +60V
Operating Input Supply Voltage..................................................2Vto 26V
Adjust Input Voltage (
Notes 9 and 10).................................–1.5V to +26V
Shutdown Input Voltage .......................................................–0.3V to +30V
Error Comparator Output Voltage.........................................–0.3V to +30V
Across the full operating temperature, the minimum input voltage range for
full output current is 4.3V to 26V. Output will remain in-regulation at lower
output voltages and low current loads down to an input of 2V at 25°C.


Similar Part No. - MIC29372BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29372BU MICREL-MIC29372BU Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC29372BU MICREL-MIC29372BU Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29372BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com