Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX708SESA-TG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MAX708SESA-TG
Description  UP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX708SESA-TG Datasheet(HTML) 3 Page - ON Semiconductor

  MAX708SESA-TG Datasheet HTML 1Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 2Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 3Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 4Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 5Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 6Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 7Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 8Page - ON Semiconductor MAX708SESA-TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MAX707, MAX708
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 1.0 V to 5.5 V, TA = −40°C to +85°C, unless otherwise noted. Typical values
are at TA = 25°C, VCC = 3.3 V.)
Characteristics
Symbol
Min
Typ
Max
Unit
Operating Voltage Range
VCC
1.0
5.5
V
Supply Current
VCC = 3.3 V
VCC = 5.5 V
ICC
12
16
22
28
mA
Reset Threshold
MAX707
TA = +25°C
TA = −40°C to +85°C
MAX708
TA = +25°C
TA = −40°C to +85°C
MAX708T
TA = +25°C
TA = −40°C to +85°C
MAX708S
TA = +25°C
TA = −40°C to +85°C
MAX708R
TA = +25°C
TA = −40°C to +85°C
VTH
4.56
4.50
4.31
4.25
3.03
3.00
2.89
2.85
2.59
2.55
4.63
4.38
3.08
2.93
2.63
4.70
4.75
4.45
4.50
3.13
3.15
2.97
3.00
2.67
2.70
V
Reset Threshold Hysteresis
VHYS
0.01 VTH
mV
VCC Falling Reset Delay (VCC = VTH + 0.2 V to VTH − 0.2 V)
tPD
20
mS
Reset Active Timeout Period
tRP
140
200
330
mS
RESET_L, RESET_H Output Low Voltage
VCC w 1.0 V, Iol = 100 mA
VCC u 2.7 V, Iol = 1.2 mA
VCC u 4.5 V, Iol = 3.2 mA
Vol
0.3
0.3
0.3
V
RESET_L, RESET_H Output High Voltage
VCC w 1.0 V, Ioh = 50 mA
VCC u 2.7 V, Ioh = 500 mA
VCC u 4.5 V, Ioh = 800 mA
Voh
0.8 VCC
0.8 VCC
0.8 VCC
V
MR_L Pull−up Resistance
RMRI
50
K
W
MR_L Pulse Width (VTH (max) t VCC t 5.5 V)
tMR
1.0
mS
MR_L Glitch Rejection (VTH (max) t VCC t 5.5 V)
0.1
mS
MR_L High_level Input Threshold (VTH (max) t VCC t 5.5 V)
VIH
0.7 VCC
V
MR_L Low_level Input Threshold (VTH (max) t VCC t 5.5 V)
VIL
0.3 VCC
V
MR_L to RESET_L and RESET_H Output Delay
(VTH (max) t VCC t 5.5 V)
tMD
0.2
mS
PFI Input Threshold (VCC = 3.3 V, PFI Falling)
1.20
1.25
1.3
V
PFI Input Current
−250
0.01
250
nA
PFI to PFO Delay (VCC = 3.3 V, VOVERDRIVE = 15 mV)
3.0
mS
PFO_L Output Low Voltage
VCC = 2.7 V, Iol = 1.2 mA
VCC = 4.5 V, Iol = 3.2 mA
Vol
0.3
0.3
V
PFO_L Output High Voltage
VCC = 2.7 V, Ioh = 500 mA
VCC = 4.5 V, Ioh = 800 mA
Voh
0.8 VCC
0.8 VCC
V


Similar Part No. - MAX708SESA-TG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX708SESA MAXIM-MAX708SESA Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX708SESA MAXIM-MAX708SESA Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
More results

Similar Description - MAX708SESA-TG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
   uP Supervisory Circuit
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
   uP Supervisory Circuit
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Maxim Integrated Produc...
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
logo
ON Semiconductor
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com