Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX829 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAX829
Description  Switched Capacitor Voltage Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX829 Datasheet(HTML) 1 Page - ON Semiconductor

  MAX829 Datasheet HTML 1Page - ON Semiconductor MAX829 Datasheet HTML 2Page - ON Semiconductor MAX829 Datasheet HTML 3Page - ON Semiconductor MAX829 Datasheet HTML 4Page - ON Semiconductor MAX829 Datasheet HTML 5Page - ON Semiconductor MAX829 Datasheet HTML 6Page - ON Semiconductor MAX829 Datasheet HTML 7Page - ON Semiconductor MAX829 Datasheet HTML 8Page - ON Semiconductor MAX829 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 4
1
Publication Order Number:
MAX828/D
MAX828, MAX829
Switched Capacitor
Voltage Converter
The MAX828 and MAX829 are CMOS charge pump voltage
inverters that are designed for operation over an input voltage range of
1.15 V to 5.5 V with an output current capability in excess of 50 mA.
The operating current consumption is only 68
mA for the MAX828 and
118
mA for the MAX829. The devices contain an internal oscillator
that operates at 12 kHz for the MAX828 and 35 kHz for the MAX829.
The oscillator drives four low resistance MOSFET switches, yielding
a low output resistance of 26
W and a voltage conversion efficiency of
99.9%. These devices require only two external capacitors, 10
mF for
the MAX828 and 3.3
mF for the MAX829, for a complete inverter
making it an ideal solution for numerous battery powered and board
level applications. The MAX828 and MAX829 are available in the
TSOP−5 package.
Features
Operating Voltage Range of 1.15 V to 5.5 V
Output Current Capability in Excess of 50 mA
Low Current Consumption of 68 mA (MAX828) or
118
mA (MAX829)
Operation at 12 kHz (MAX828) or 35 kHz (MAX829)
Low Output Resistance of 26 W
Space Saving TSOP−5 Package
Pb−Free Packages are Available
Typical Applications
LCD Panel Bias
Cellular Telephones
Pagers
Personal Digital Assistants
Electronic Games
Digital Cameras
Camcorders
Hand−Held Instruments
5
4
2
3
1
Figure 1. Typical Application
−Vout
Vin
This device contains 77 active transistors.
TSOP−5
CASE 483
Device
Package
Shipping
ORDERING INFORMATION
MAX828EUK
TSOP−5
3000 Tape/Reel
1
3
GND
Vout
2
Vin
C
4
C+
5
MAX829EUK
TSOP−5
3000 Tape/Reel
PIN CONFIGURATION
(Top View)
MARKING DIAGRAM
1
http://onsemi.com
MAX828EUKG
TSOP−5
(Pb−Free)
3000 Tape/Reel
MAX829EUKG
TSOP−5
(Pb−Free)
3000 Tape/Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
EAx
= Device Code
x= A or B
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
EAx AYW
G
G


Similar Part No. - MAX829

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
MAX829 ONSEMI-MAX829 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Maxim Integrated Produc...
MAX829C/D MAXIM-MAX829C/D Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
MAX829EUK MAXIM-MAX829EUK Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
ON Semiconductor
MAX829EUK ONSEMI-MAX829EUK Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results

Similar Description - MAX829

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com