Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC997B6 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MAC997B6
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC997B6 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MAC997B6 Datasheet HTML 3Page - ON Semiconductor MAC997B6 Datasheet HTML 4Page - ON Semiconductor MAC997B6 Datasheet HTML 5Page - ON Semiconductor MAC997B6 Datasheet HTML 6Page - ON Semiconductor MAC997B6 Datasheet HTML 7Page - ON Semiconductor MAC997B6 Datasheet HTML 8Page - ON Semiconductor MAC997B6 Datasheet HTML 9Page - ON Semiconductor MAC997B6 Datasheet HTML 10Page - ON Semiconductor MAC997B6 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MAC997 Series
http://onsemi.com
8
ORDERING & SHIPPING INFORMATION: MAC97 Series packaging options, Device Suffix
U.S.
Europe
Equivalent
Shipping
Description of TO92 Tape Orientation
MAC997A6RL1, A8RL1
MAC997B6RL1, B8RL1
Radial Tape and Reel (2K/Reel)
Flat side of TO92 and adhesive tape visible
MAC997A6,A8
MAC997B6,B8
Bulk in Box (5K/Box)
N/A, Bulk
MAC997A6RLRP,
A8RLRP
MAC997B6RLRP,
B8RLRP
Radial Tape and Fan Fold Box
(2K/Box)
Round side of TO92 and adhesive tape
visible


Similar Part No. - MAC997B6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC997B6 ONSEMI-MAC997B6 Datasheet
185Kb / 12P
   SENSITIVE GATE TRACS
May, 2000 ??Rev. 2
MAC997B6RL1 ONSEMI-MAC997B6RL1 Datasheet
185Kb / 12P
   SENSITIVE GATE TRACS
May, 2000 ??Rev. 2
MAC997B6RLRP ONSEMI-MAC997B6RLRP Datasheet
185Kb / 12P
   SENSITIVE GATE TRACS
May, 2000 ??Rev. 2
More results

Similar Description - MAC997B6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com