Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931ACDG Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM2931ACDG
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ACDG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM2931ACDG Datasheet HTML 2Page - ON Semiconductor LM2931ACDG Datasheet HTML 3Page - ON Semiconductor LM2931ACDG Datasheet HTML 4Page - ON Semiconductor LM2931ACDG Datasheet HTML 5Page - ON Semiconductor LM2931ACDG Datasheet HTML 6Page - ON Semiconductor LM2931ACDG Datasheet HTML 7Page - ON Semiconductor LM2931ACDG Datasheet HTML 8Page - ON Semiconductor LM2931ACDG Datasheet HTML 9Page - ON Semiconductor LM2931ACDG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
6
IO = 100 mA
IO = 10 mA
Vin, INPUT VOLTAGE (V)
−20
−10
0
10
2030
4050
60
0
1.0
2.0
3.0
4.0
5.0
6.0
Vout = 5.0 V
RL = 500 W
TA = 25°C
Vin, INPUT VOLTAGE (V)
50
150
250
350
0
5.0
10
15
20
25
30
TJ = −40°C
TJ = 25°C
TJ = 85°C
0
0
t, TIME (50 ms/DIV)
Vin, INPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
0
1.0
2.0
3.0
4.0
5.0
6.0
TJ, JUNCTION TEMPERATURE (°C)
0
100
200
300
0
25
50
75
100
125
IO = 50 mA
IO, OUTPUT CURRENT (mA)
0
204060
80
100
0
40
80
120
160
200
Vin = 14 V
DVout = 100 mV
TJ = 25°C
Vout = 5.0 V
RL = 50 W
CO = 100 mF
t = 150 ms
TA = 25°C
VCC = 15 V
VFB1 = 5.05 V
Dashed lines below Vin = 5.0 V
are for Adjustable output devices only.
Figure 1. Dropout Voltage versus Output Current
Vin = 14 V
DVout = 100 mV
Vout = 5.0 V
TA = 25°C
RL = 50 W
IO = 100 mA
Figure 1. Dropout Voltage versus Output Current
Figure 2. Dropout Voltage versus
Junction Temperature
Figure 3. Peak Output Current versus Input Voltage
Figure 4. Output Voltage versus Input Voltage
Figure 5. Output Voltage versus Input Voltage
Figure 6. Load Dump Characteristics


Similar Part No. - LM2931ACDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931ACDG ONSEMI-LM2931ACDG Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
More results

Similar Description - LM2931ACDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com