Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25P16-VMF6G Datasheet(PDF) 11 Page - STMicroelectronics

Part # M25P16-VMF6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6G Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M25P16-VMF6G Datasheet HTML 7Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 8Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 9Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 10Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 11Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 12Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 13Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 14Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
M25P16
SPI modes
11/55
Example: Cp = 50 pF, that is R*Cp = 5 µs <=> the application must ensure that the Bus
Master never leaves the SPI bus in the high impedance state for a time period shorter than
5µs.
Figure 5.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB


Similar Part No. - M25P16-VMF6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16-VMF6G STMICROELECTRONICS-M25P16-VMF6G Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P16-VMF6G NUMONYX-M25P16-VMF6G Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
More results

Similar Description - M25P16-VMF6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Numonyx B.V
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com