Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC212A10G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC212A10G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC212A10G Datasheet(HTML) 5 Page - ON Semiconductor

  MAC212A10G Datasheet HTML 1Page - ON Semiconductor MAC212A10G Datasheet HTML 2Page - ON Semiconductor MAC212A10G Datasheet HTML 3Page - ON Semiconductor MAC212A10G Datasheet HTML 4Page - ON Semiconductor MAC212A10G Datasheet HTML 5Page - ON Semiconductor MAC212A10G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAC212A8, MAC212A10
http://onsemi.com
5
80
60
40
20
0
−20
−40
1.2
80
0
0.4
0.8
1.6
−60
−60
−40
−20
0
20
2.4
40
0
0.4
0.8
1.2
1.6
2.0
2.8
2.0
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
60
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
TC, CASE TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
10 k
200
5.0 k
2.0 k
1.0 k
500
0.1
t, TIME (ms)
100
50
20
5.0
2.0
1.0
0.02
0.5
1.0
0.5
0.2
0.1
0.05
0.2
0.01
ZqJC(t) = r(t) • RqJC
Figure 6. Typical Gate Trigger Current
Figure 7. Typical Holding Current
Figure 8. Thermal Response


Similar Part No. - MAC212A10G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC212A10 MOTOROLA-MAC212A10 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212A10 NJSEMI-MAC212A10 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC212A10FP MOTOROLA-MAC212A10FP Datasheet
113Kb / 6P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
logo
ON Semiconductor
MAC212A10FP ONSEMI-MAC212A10FP Datasheet
181Kb / 6P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
MAC212A10FP NJSEMI-MAC212A10FP Datasheet
149Kb / 2P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC212A10G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com