Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK566-60H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK566-60H
Description  PowerMOS transistor Logic level FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK566-60H Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK566-60H Datasheet HTML 1Page - NXP Semiconductors BUK566-60H Datasheet HTML 2Page - NXP Semiconductors BUK566-60H Datasheet HTML 3Page - NXP Semiconductors BUK566-60H Datasheet HTML 4Page - NXP Semiconductors BUK566-60H Datasheet HTML 5Page - NXP Semiconductors BUK566-60H Datasheet HTML 6Page - NXP Semiconductors BUK566-60H Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK566-60H
Logic level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
160
180
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-05
1E-03
1E-01
1E+01
t / s
Zth j-mb / (K/W)
10
1
0.1
0.01
0.001
0
0.5
0.2
0.1
0.05
0.02
BUKx56-lv
D =
D =
tp
tp
T
T
P
t
D
0
20
40
60
80
100
120
140
160
180
Tmb / C
ID / IDmax %
Normalised Current Derating
120
100
80
60
40
20
0
0
2
4
6
8
10
12
VDS / V
ID / A
BUK5y6-60A
150
100
50
0
2.5
3
3.5
4
4.5
5
6
7
10
8
VGS / V =
1
100
VDS / V
ID / A
1000
100
10
1
BUK556-60H
10
tp = 10 us
100 us
1 ms
10 ms
100 ms
DC
RDS(ON)
=
VDS/
ID
0
20
40
60
80
100
120
140
ID / A
RDS(ON) / Ohm
BUK5y6-60A
0.1
0.08
0.06
0.04
0.02
0
6
3
3.5
4
4.5
5
7
VGS / V = 10
August 1995
3
Rev 1.000


Similar Part No. - BUK566-60H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK566-60A PHILIPS-BUK566-60A Datasheet
56Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
More results

Similar Description - BUK566-60H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com