Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF4316G Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGF4316G
Description  Super Low Noise InGaAs HEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF4316G Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGF4316G Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF4316G Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF4316G Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MGF431xG
MITSUBISHI SEMICONDUCTOR <GaAs FET>
Super Low Noise InGaAs HEMT
MITSUBISHI
ELECTRIC
as of Apr.'98
DESCRIPTION
The MGF431xG series super-low-noise HEMT(High Electron
Mobility Transistor) is designed for use in L to K band amplifiers.
The hermetically sealed metal-ceramic package assures
minimum parasitic losses, and has a configuration suitable for
microstrip circuits.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
dB
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Gate to Source cut-off voltage
VGS=0V, VDS=2V
V
50
µA
Transconductance
V
Gs
Associated gain
13.5
NFmin
Minimum noise figure
Parameter
Ratings
Unit
Gate to drain voltage
-4
V
-4
Gate to source voltage
60
Drain current
mA
Channel temperature
-65 ~ +125
°C
L to K band low noise amplifiers.
APPLICATION
gm
VGS (off)
0.8
Limits
Storage temperature
Total power dissipation
Symbol
VGDO
VGSO
ID
Tch
Tstg
PT
125
50
mW
V
( Ta=25°C )
60
15
OUTLINE DRAWING
< Keep safety first in your circuit designs! >
Mitsubishi Electric Corporation puts the maximum effort into
making semiconductor products better and more reliable,
but there is always the possibility that trouble may occur
with them.Trouble with semiconductors may lead to personal
injury, fire or property damage. Remember to give due
consideration to safety when making your circuit designs,
with appropriate measures such as (i)placement of
substitutive, auxiliary circuits, (ii)use of non-flammable
material or (iii)prevention against any malfunction or mishap.
°C
Gate to source leakage current
Saturated drain current
IDSS
VGS= -2V, VDS=0V
VDS=2V, ID=500µA
mA
-1.5
-0.1
75
mS
FEATURES
Low noise figure
@ f=12GHz
MGF4316G : NF min.=0.80dB (MAX.)
MGF4319G : NF min.=0.50dB (MAX.)
High associated gain
Gs=12.0 dB (MIN.)
@ f=12GHz
( Ta=25°C )
IG= -10µA
-3
Gate to drain breakdown voltage
V(BR)GDO
IGSS
VDS=2V, ID=10mA
VDS=2V, ID=10mA, f=12GHz
12
dB
QUALITY GRADE
GG
RECOMMENDED BIAS CONDITIONS
VDS=2V , ID=10mA
Refer to Bias Procedure
MGF4316G
MGF4319G
VDS=2V, ID=10mA, f=12GHz
0.5
˚C/W
625
Rth (ch-a)
∆Vf method
Thermal resistance
*1
*1 : Channel to ambient
GD-4


Similar Part No. - MGF4316G

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGF40 COSEL-MGF40 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
logo
Mitsubishi Electric Sem...
MGF4714CP MITSUBISHI-MGF4714CP Datasheet
17Kb / 3P
   PLASTIC MOLD PACKAGED LOW NOISE InGaAs HEMT
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
More results

Similar Description - MGF4316G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A Datasheet
182Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF491XG MITSUBISHI-MGF491XG Datasheet
19Kb / 3P
   SUPER LOW NOISE InGaAs HEMT
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
   SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com