Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4581 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4581
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4581 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4581_05 Datasheet HTML 4Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 5Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 6Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 7Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 8Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 9Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 10Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 11Page - Maxim Integrated Products MAX4581_05 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
8
_______________________________________________________________________________________
__________Applications Information
Power-Supply Considerations
Overview
The MAX4581/MAX4582/MAX4583 construction is typi-
cal of most CMOS analog switches. They have three
supply pins: VCC, VEE, and GND. VCC and VEE are used
to drive the internal CMOS switches and set the limits of
the analog voltage on any switch. Reverse ESD-
protection diodes are internally connected between
each analog-signal pin and both VCC and VEE. If any
analog signal exceeds VCC or VEE, one of these diodes
Pin Description
Note: Input and output pins are identical and interchangeable. Any may be considered an input or output; signals pass equally well
in both directions.
PIN
MAX4581
MAX4582
MAX4583
DIP, SO,
TSSOP
QFN
DIP, SO,
TSSOP
QFN
DIP, SO,
TSSOP
QFN
NAME
FUNCTION
13, 14,
15, 12,
1, 5, 2, 4
11, 12,
13, 10,
15, 3,
16, 2
———
X0–X7
Analog Switch Inputs 0–7
31
13
11
14
12
X
Analog Switch “X” Output
——
12, 14,
15, 11
10, 12,
13, 9
——
X0, X1,
X2, X3
Analog Switch “X” Inputs 0–3
——
1, 5, 2,
4
15, 3,
16, 2
——
Y0, Y1,
Y2, Y3
Analog Switch “Y” Inputs 0–3
——
31
15
13
Y
Analog Switch “Y” Output
———
—1311X1
Analog Switch “X” Normally Open Input
———
—1210X0
Analog Switch “X” Normally Closed Input
———
—1
15
Y1
Analog Switch “Y” Normally Open Input
———
—2
16
Y0
Analog Switch “Y” Normally Open Input
———
—3
1Z1
Analog Switch “Z” Normally Open Input
———
—5
3Z0
Analog Switch “Z” Normally Open Input
———
—4
2Z
Analog Switch “Z” Output
16
14
16
14
16
14
VCC
Positive Analog and Digital Supply-Voltage
Input
11
9
10
8
11
9
A
Digital Address “A” Input
10
8
9
7
10
8
B
Digital Address “B” Input
97
——
97
CDigital Address “C” Input
868
686
GND
Ground. Connect to digital ground. (Analog
signals have no ground reference; they are
limited to VCC and VEE.)
757
575
VEE
Negative Analog Supply-Voltage Input.
Connect to GND for
single-supply operation.
646
464
ENABLE
Digital Enable Input. Normally connected to
GND.


Similar Part No. - MAX4581_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
More results

Similar Description - MAX4581_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com