Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FST3125D Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74FST3125D
Description  4?묪it Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3125D Datasheet(HTML) 5 Page - ON Semiconductor

  74FST3125D Datasheet HTML 1Page - ON Semiconductor 74FST3125D Datasheet HTML 2Page - ON Semiconductor 74FST3125D Datasheet HTML 3Page - ON Semiconductor 74FST3125D Datasheet HTML 4Page - ON Semiconductor 74FST3125D Datasheet HTML 5Page - ON Semiconductor 74FST3125D Datasheet HTML 6Page - ON Semiconductor 74FST3125D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74FST3125
http://onsemi.com
5
VI
VOL
VOL + 0.3 V
tPLH
tPLH
Vmi
VOL
VOH
VOH − 0.3 V
tPHZL
tf = 2.5 nS
90 %
1.5 V
10 %
10 %
1.5 V
90 %
tf = 2.5 nS
tPZL
tPZL
OUTPUT
1.5 V
OUTPUT
1.5 V
GND
3.0 V
tPZH
ENABLE
INPUT
tf = 2.5 nS
90 %
1.5 V
1.5 V
90 %
10 %
10 %
1.5 V
1.5 V
VOH
GND
3.0 V
SWITCH
INPUT
tf = 2.5 nS
CL*
FROM
OUTPUT
UNDER
TEST
Figure 4. AC Test Circuit
Figure 5. Propagation Delays
AC Loading and Waveforms
NOTES:
1. Input driven by 50 W source terminated in 50 W.
2. CL includes load and stray capacitance.
*CL = 50 pF
500 W
500 W
Figure 6. Enable/Disable Delays
OUTPUT


Similar Part No. - 74FST3125D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3125D ONSEMI-74FST3125D Datasheet
99Kb / 8P
   4-Bit Bus Switch
January, 2005 ??Rev. 2
74FST3125DR2 ONSEMI-74FST3125DR2 Datasheet
99Kb / 8P
   4-Bit Bus Switch
January, 2005 ??Rev. 2
74FST3125DT ONSEMI-74FST3125DT Datasheet
99Kb / 8P
   4-Bit Bus Switch
January, 2005 ??Rev. 2
74FST3125DTR2 ONSEMI-74FST3125DTR2 Datasheet
99Kb / 8P
   4-Bit Bus Switch
January, 2005 ??Rev. 2
More results

Similar Description - 74FST3125D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
   4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3244 ONSEMI-74FST3244_06 Datasheet
199Kb / 7P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
   10?묪it Bus Switch
June, 2006 ??Rev. 6
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3245 ONSEMI-74FST3245_06 Datasheet
189Kb / 6P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
   10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST6800 ONSEMI-74FST6800 Datasheet
194Kb / 6P
   10?묪it Bus Switch with Precharged Outputs
June, 2006 ??Rev. 6
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com