Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193AN Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM193AN
Description  Low Power Dual Voltage Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193AN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM193AN Datasheet HTML 4Page - STMicroelectronics LM193AN Datasheet HTML 5Page - STMicroelectronics LM193AN Datasheet HTML 6Page - STMicroelectronics LM193AN Datasheet HTML 7Page - STMicroelectronics LM193AN Datasheet HTML 8Page - STMicroelectronics LM193AN Datasheet HTML 9Page - STMicroelectronics LM193AN Datasheet HTML 10Page - STMicroelectronics LM193AN Datasheet HTML 11Page - STMicroelectronics LM193AN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical Characteristics
LM193, LM193A, LM293, LM293A, LM393, LM393A
8/15
Figure 12. Low frequency op-amp with offset
adjust
Figure 13. Zero crossing detector
(single power supply)
Figure 14. Limit comparator
Figure 15. Crystal controlled oscillator
Figure 16. Split-supply applications - zero
crossing detector
Figure 17. Comparator with a negative
reference
e I ~
2N 2222
5V
eo
R1
100k
W
1k
W
5V
1M
W
100k
W
1M
W
Offset Adjust
Rs
RI
15k
W
0.5
mF
R2
1/2
LM193
100k
W
10k
W
eI
20M
W
5V
5.1k
W
1N4148
5.1k
W
5.1k
W
100k
W
1/2
LM193
10k
W
e I ~
RS
2RS
V(ref)
high
2RS
V(ref)
low
2N 2222
(12V)
V
CC
Lamp
1/2
LM193
1/2
LM193
2k
W
0.1
mF
200k
W
f = 100kHz
eo
=15V
VCC
VCC
0
100k
W
200k
W
1/2
LM193
15V
5.1k
W
e o
e I ~
15V
1/2
LM193
15V
5.1k
W
e o
e I ~
15V
5V
1/2
LM193


Similar Part No. - LM193AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM193AN STMICROELECTRONICS-LM193AN Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM193AN STMICROELECTRONICS-LM193AN Datasheet
234Kb / 15P
   Low power dual voltage comparators
More results

Similar Description - LM193AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
   LOW POWER DUAL VOLTAGE COMPARATORS
May 2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com