Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1016E-100LT44I Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI1016E-100LT44I
Description  In-System Programmable High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1016E-100LT44I Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI1016E-100LT44I Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1016E-100LT44I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Specifications ispLSI 1016E
Functional Block Diagram
Figure 1. ispLSI 1016E Functional Block Diagram
The device also has 32 I/O cells, each of which is directly
connected to an I/O pin. Each I/O cell can be individually
programmed to be a combinatorial input, registered in-
put,
latched
input,
output
or
bi-directional
I/O pin with 3-state control. The signal levels are TTL
compatible voltages and the output drivers can source
4 mA or sink 8 mA. Each output can be programmed
independently for fast or slow output slew rate to mini-
mize overall output switching noise.
Eight GLBs, 16 I/O cells, two dedicated inputs and one
ORP are connected together to make a Megablock (see
Figure 1). The outputs of the eight GLBs are connected
to a set of 16 universal I/O cells by the ORP. Each ispLSI
1016E device contains two Megablocks.
The GRP has, as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 1016E device are selected using the
Clock Distribution Network. Three dedicated clock pins
(Y0, Y1 and Y2) are brought into the distribution network,
and five clock outputs (CLK 0, CLK 1, CLK 2, IOCLK 0
and IOCLK 1) are provided to route clocks to the GLBs
and I/O cells. The Clock Distribution Network can also be
driven from a special clock GLB (B0 on the ispLSI 1016E
device). The logic of this GLB allows the user to create an
internal clock from a combination of internal signals
within the device.
I/O 0
I/O 1
I/O 2
I/O 3
GOE 0/IN 3
MODE/IN 2
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 31
I/O 30
I/O 29
I/O 28
I/O 27
I/O 26
I/O 25
I/O 24
I/O 23
I/O 22
I/O 21
I/O 20
I/O 19
I/O 18
I/O 17
I/O 16
SDI/IN 0
SDO/IN 1
I/O 4
I/O 5
ispEN
Global
Routing
Pool
(GRP)
CLK 0
CLK 1
CLK 2
IOCLK 0
IOCLK 1
Clock
Distribution
Network
A0
A1
A2
A3
A4
A5
A6
A7
B7
B6
B5
B4
B3
B2
B1
B0
Generic
Logic Blocks
(GLBs)
Megablock
*Note: Y1 and
RESET are multiplexed on the same pin
0139B(1a)-isp


Similar Part No. - ISPLSI1016E-100LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016E-100LT44 LATTICE-ISPLSI1016E-100LT44 Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1016E-100LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com