Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5S0765C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 5S0765C
Description  Power Switch(FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

5S0765C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 5S0765C Datasheet HTML 4Page - Fairchild Semiconductor 5S0765C Datasheet HTML 5Page - Fairchild Semiconductor 5S0765C Datasheet HTML 6Page - Fairchild Semiconductor 5S0765C Datasheet HTML 7Page - Fairchild Semiconductor 5S0765C Datasheet HTML 8Page - Fairchild Semiconductor 5S0765C Datasheet HTML 9Page - Fairchild Semiconductor 5S0765C Datasheet HTML 10Page - Fairchild Semiconductor 5S0765C Datasheet HTML 11Page - Fairchild Semiconductor 5S0765C Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
KA5S-SERIES
8
Typical Performance Characteristics (Continued)
Figure 6. Maximum Duty vs. Temp.
Figure 7. Feedback Source Current
vs. Temp.
Figure 8. Shutdown Feedback Voltage vs. Temp.
Figure 9. Shutdown Delay Current
vs. Temp.
Figure 10. Over Voltage Protection
vs. Temp.
Figure 11. Peak Current Limit vs. Temp
92.0
93.5
95.0
96.5
98.0
-25
0
25
50
75
100
125
150
Temp(
℃)
Dmax(%)
0.70
0.80
0.90
1.00
1.10
-25
0
25
50
75
100
125
150
Temp(
℃)
Ifb(mA)
7.35
7.40
7.45
7.50
7.55
-25
0
25
50
75
100
125
150
Temp(
℃)
Vsd(V)
3.30
3.50
3.70
3.90
-25
0
25
50
75
100
125
150
Temp(
℃)
Idelay(uA)
23.8
24.5
25.2
25.9
26.6
-25
0
25
50
75
100
125
150
Temp(
℃)
Vovp(V)
3.80
3.90
4.00
4.10
4.20
-25
0
25
50
75
100
125
150
Temp(
℃)
Iover(A)


Similar Description - 5S0765C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6S1265RE FAIRCHILD-FS6S1265RE Datasheet
598Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com