Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA142WAT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # M1MA142WAT1
Description  Common Anode Silicon Dual Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M1MA142WAT1 Datasheet(HTML) 3 Page - ON Semiconductor

  M1MA142WAT1 Datasheet HTML 1Page - ON Semiconductor M1MA142WAT1 Datasheet HTML 2Page - ON Semiconductor M1MA142WAT1 Datasheet HTML 3Page - ON Semiconductor M1MA142WAT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M1MA141WAT1, M1MA142WAT1
http://onsemi.com
3
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 10 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 1. Recovery Time Equivalent Test Circuit
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
0.68
0
VR, REVERSE VOLTAGE (VOLTS)
0.64
0.6
0.56
0.52
24
6
8
Figure 2. Forward Voltage
Figure 3. Reverse Current
Figure 4. Diode Capacitance
TA = −40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C


Similar Part No. - M1MA142WAT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA142WAT1 MOTOROLA-M1MA142WAT1 Datasheet
97Kb / 6P
   SC-70/SOT-323 PACKAGE COMMON ANODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
ON Semiconductor
M1MA142WAT1 ONSEMI-M1MA142WAT1 Datasheet
46Kb / 4P
   COMMON ANODE DUAL SWITCHING DIODE
July, 2004 ??Rev. 7
M1MA142WAT1G ONSEMI-M1MA142WAT1G Datasheet
217Kb / 5P
   Common Anode Silicon Dual Switching Diode
November, 2011 - Rev. 10
More results

Similar Description - M1MA142WAT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA141WAT1G ONSEMI-M1MA141WAT1G Datasheet
217Kb / 5P
   Common Anode Silicon Dual Switching Diode
November, 2011 - Rev. 10
logo
Leshan Radio Company
LM1MA141WAT1 LRC-LM1MA141WAT1 Datasheet
42Kb / 2P
   Common Anode Silicon Dual Switching Diode
logo
Shanghai Leiditech Elec...
LM1MA142WAT1G LEIDITECH-LM1MA142WAT1G Datasheet
337Kb / 3P
   Common Anode Silicon Dual Switching Diode
logo
WILLAS ELECTRONIC CORP
LM1MA141WA WILLAS-LM1MA141WA Datasheet
316Kb / 3P
   Common Anode Silicon Dual Switching Diode
logo
Leshan Radio Company
LM1MA141WAT1G LRC-LM1MA141WAT1G Datasheet
76Kb / 3P
   Common Anode Silicon Dual Switching Diode
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
   Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com