Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2168DSTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2168DSTRPBF
Description  ADVANCED PFC BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2168DSTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2168DSTRPBF Datasheet HTML 1Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 2Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.irf.com
Page 1
Data Sheet No. PD60310
IRS2168D(S)PbF
ADVANCED PFC + BALLAST CONTROL IC
Features
PFC, ballast control and 600 V half-bridge driver in one IC
Critical-conduction mode boost-type PFC
Programmable PFC over-current protection
Programmable half-bridge over-current protection
Programmable preheat frequency
Programmable preheat time
Programmable ignition ramp
Programmable run frequency
Closed-loop ignition current regulation
RoHs compliant
Description
The IRS2168D is a fully integrated, fully protected 600 V
ballast control IC designed to drive all types of fluorescent
lamps. The IRS2168D is based on the popular IR2166
control IC with additional improvements to increase ballast
performance.
The
PFC
circuitry
operates
in
critical
conduction mode and provides high PF, low THD and DC
bus
regulation.
The
IRS2168D
features
include
programmable preheat and run frequencies, programmable
preheat time, programmable PFC over-current protection,
closed-loop half-bridge ignition current regulation, and
programmable
end-of-life
protection.
Comprehensive
protection features such as protection from failure of a lamp
to strike, filament failures, end-of-life protection, DC bus
undervoltage reset as well as an automatic restart function,
have been included in the design.
Application Diagram (Typical Only)
Fixed internal 1.6 µs HO and LO deadtime
Voltage-controlled oscillator (VCO)
End-of-life window comparator pin
Internal 65-event current sense up/down fault counter
DC bus undervoltage reset
Lamp removal/auto-restart shutdown pin
Internal bootstrap MOSFET
Internal 15.6 V Zener clamp diode on Vcc
Micropower startup (250 µA)
Latch immunity and ESD protection
System Features
One-chip ballast control solution
Wide range PFC for universal input and multi-lamp ballasts
Ultra low THD
Closed-loop ignition regulation for reliable lamp ignition
End-of-Life window comparator with internal OTA
Lamp removal/auto-restart function
Fault counter for robust noise immunity
Brown-out protection and reset
Internal bootstrap MOSFET
Packages
16-Lead PDIP
16-Lead SOIC
IRS2168DPbF
IRS2168DSPbF
+ Rectified AC Line
- Rectified AC Line
R
VBUS1
15
14
13
12
11
COM
VCC
VB
VS
HO
1
2
3
CPH
PFC
VBUS
4
5
7
OC
FMIN
VCO
6
7
8
ZX
COMP
10
CS
LO
9
SD/EOL
16
D
BUS
D CP2
M3
+
C VBUS
R VBUS
C
VCO
C
PH
C
COMP
C
BUS
R
GHS
M1
R
GPFC
L
RES
CBLOCK
C
CS
R
CS
R
GLS
M2
R
5
R
4
RSUPPLY
C
BOOT
C SNUB
D CP1
R
3
C
VCC2
C
VCC1
C
RES
C
SD1
C
SD2
R
6
R
7
R
8
R
9
D1
D2
D3
R1
C
EOL
ROC
R
2
C
OC
R
FMIN
R
CPH
R
RPH
* Please note that this datasheet contains advanced information that could change before the product is released to production.


Similar Part No. - IRS2168DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168D IRF-IRS2168D Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168D IRF-IRS2168D Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
More results

Similar Description - IRS2168DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com