Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMD2231Q Datasheet(PDF) 2 Page - International Rectifier

Part # IRMD2231Q
Description  Demo Board For 3-phase / 380V motor drives
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMD2231Q Datasheet(HTML) 2 Page - International Rectifier

  IRMD2231Q Datasheet HTML 1Page - International Rectifier IRMD2231Q Datasheet HTML 2Page - International Rectifier IRMD2231Q Datasheet HTML 3Page - International Rectifier IRMD2231Q Datasheet HTML 4Page - International Rectifier IRMD2231Q Datasheet HTML 5Page - International Rectifier IRMD2231Q Datasheet HTML 6Page - International Rectifier IRMD2231Q Datasheet HTML 7Page - International Rectifier IRMD2231Q Datasheet HTML 8Page - International Rectifier IRMD2231Q Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IRMD22381Q
www.irf.com
1
IRMD22381Q Demo Board
For 3-phase / 380V motor drives
IRMD22381Q Demo Board
Up to 1200V DC-bus capability
Up to 25A maximum phase current
Optional on-board phase shunt resistors
IR22381Q device connected in 3-phase +
brake configuration
On-board bootstrap supply for high-side
gate drive
Full protection of phase-to-phase, DC-bus
and ground short circuit by monitoring IGBT
de-saturation
Brake IGBT de-saturation protection
Fault feedback to ground level
Trimmer programmable dead time
Anti-shoot-through management
Phase voltage feedback
Undervoltage lockout
3.3V digital input/output CMOS compatible
IR22381Q can be replaced by IR21381Q
Power Module
Standard ECONO2-PIM IGBT module
compatible
IGBT short circuit rated up to 1200V/25A.
Easy to mount heat-sink holes
IR22381Q Demo Board
(Shown without IGBT Power Module)
Introduction
The IRMD22381Q demo board is an evaluation board for IR22381Q gate driver (see device datasheet for details).
IRMD22381Q is designed to drive 3-phase power modules with pin-out compatible to ECONO2-PIM. The board can
drive AC or Brushless motors using power modules with up to 25A output current. The board is a flexible solution for
different applications and can be customized by means reconfigurable components options. The control signals are 3.3V
CMOS compatible; three-phase shunt resistor (with sensing pins) can be placed for current loop control; power module
short circuits are managed by IR22381Q by synchronization of the IGBTs turn off. Board layout reduces the noise
coupling between high and low voltage signals.
Application Block Diagram
(Refer to connections section to see
the interface pins) This diagram
shows
the
main
blocks
and
connections of the demo board and
the external components necessary
in a typical motor drive application.
DCbus
AC/DC
Conveter
System
Control
3-phase
half bridge
(Power
Module)
Low Voltage
Power Supply
shunt
resistor
IR22381Q
shunt
resistor
shunt
resistor
3-phase
Current Sensor
Motor
IRMD22381Q + Power Module


Similar Part No. - IRMD2231Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22381Q IRF-IRMD22381Q Datasheet
803Kb / 25P
   Optional on-board phase shunt resistors
More results

Similar Description - IRMD2231Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22141SS IRF-IRMD22141SS Datasheet
1Mb / 22P
   Demo Board For 3-phase / 380V motor drives
IRMD2214SS IRF-IRMD2214SS Datasheet
1Mb / 22P
   For 3-phase / 380V motor drives
logo
STMicroelectronics
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
   3-phase inverters for motor drives
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
   3-phase inverters for motor drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com