Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574DW-ADJR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM2574DW-ADJR2G
Description  0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574DW-ADJR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM2574DW-ADJR2G Datasheet HTML 2Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 3Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 4Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 5Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 6Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 7Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 8Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 9Page - ON Semiconductor LM2574DW-ADJR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM2574, NCV2574
http://onsemi.com
6
A
B
C
5
ms/DIV
TJ, JUNCTION TEMPERATURE (°C)
SWITCH CURRENT (A)
5
ms/DIV
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Oscillator Frequency
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. Switch Saturation Voltage
Figure 10. Minimum Operating Voltage
Figure 11. Feedback Pin Current
Figure 12. Continuous Mode Switching Waveforms
Vout = 5.0 V, 500 mA Load Current, L = 330 mH
Figure 13. Discontinuous Mode Switching Waveforms
Vout = 5.0 V, 100 mA Load Current, L = 100 mH
Vin = 1.23 V
ILoad = 100 mA
Adjustable Version Only
Vin = 12 V
Normalized at 25
°C
Adjustable Version Only
A
B
C
A: Output Pin Voltage, 10 V/DIV.
B: Inductor Current, 0.2 A/DIV.
C: Output Ripple Voltage, 20 mV/DIV, AC−Coupled
A: Output Pin Voltage, 10 V/DIV.
B: Inductor Current, 0.2 A/DIV.
C: Output Ripple Voltage, 20 mV/DIV, AC−Coupled
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 16) (continued)
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
10
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
0
−20
−40
−60
−80
−100
125
100
75
50
25
0
−25
−50
0
0.1
0.2
0.3
0.4
0.5
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50
20 V
10 V
0
0.6 A
0.4 A
0.2 A
0
20 mV
AC
20 V
10 V
0
0.4 A
0.2 A
0
20 mV
AC
−40
°C
25
°C
125
°C


Similar Part No. - LM2574DW-ADJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574DW-ADJR2G ONSEMI-LM2574DW-ADJR2G Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
More results

Similar Description - LM2574DW-ADJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com