Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM833N Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM833N
Description  Low Noise, Audio Dual Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM833N Datasheet(HTML) 5 Page - ON Semiconductor

  LM833N Datasheet HTML 1Page - ON Semiconductor LM833N Datasheet HTML 2Page - ON Semiconductor LM833N Datasheet HTML 3Page - ON Semiconductor LM833N Datasheet HTML 4Page - ON Semiconductor LM833N Datasheet HTML 5Page - ON Semiconductor LM833N Datasheet HTML 6Page - ON Semiconductor LM833N Datasheet HTML 7Page - ON Semiconductor LM833N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM833
http://onsemi.com
5
f, FREQUENCY (Hz)
2.0
1.0
0.7
0.5
0.4
0.3
0.2
10
100
1.0 k
10 k
100 k
Figure 15. Power Supply Rejection
versus Frequency
Figure 16. Common Mode Rejection
versus Frequency
Figure 17. Total Harmonic Distortion
versus Frequency
Figure 18. Input Referred Noise Voltage
versus Frequency
Figure 19. Input Referred Noise Current
versus Frequency
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
RS, SOURCE RESISTANCE (W)
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
10 M
1.0
0.1
0.01
0.001
10
5.0
2.0
1.0
100
10
1.0
10
100
1.0 k
10 k
100 k
1.0
10
100
1.0 k
10 k
100 k
1.0 M
140
120
100
80
60
40
20
160
100
1.0 k
10 k
100 k
1.0 M
10 M
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = −15 V
TA = 25°C
−PSR
DVCM
DV0
× ADM
ADM
+
DVCM
DVO
CMR = 20 Log
VO
RL
+
+PSR = 20 Log
−PSR = 20 Log
DVEE
DVO/ADM
()
DVCC
DVO/ADM
()
+PSR
DVCC
ADM
+
DVEE
DVO
Figure 20. Input Referred Noise Voltage
versus Source Resistance
VCC = +15 V
VEE = −15 V
Vn(total) = (inRS)2 +en2 +
TA = 25°C
4KTRS
VCC = +15 V
VEE = −15 V
VCM = 0 V
DVCM = ±1.5 V
TA = 25°C
VCC = +15 V
VEE = −15 V
RS = 100 W
TA = 25°C
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
TA = 25°C
VCC = +15 V
VEE = −15 V
TA = 25°C
VO = 1.0 Vrms
VO = 3.0 Vrms


Similar Part No. - LM833N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM833N MOTOROLA-LM833N Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833N ONSEMI-LM833N Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
Rev 0
logo
National Semiconductor ...
LM833N NSC-LM833N Datasheet
520Kb / 18P
   Dual Audio Operational Amplifier
logo
STMicroelectronics
LM833N STMICROELECTRONICS-LM833N Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833N TGS-LM833N Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results

Similar Description - LM833N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM833 ONSEMI-LM833_11 Datasheet
142Kb / 8P
   Low Noise, Audio Dual Operational Amplifier
September, 2011 ??Rev. 6
logo
Analog Devices
SSM2134 AD-SSM2134 Datasheet
294Kb / 6P
   LOW NOISE AUDIO OPERATIONAL AMPLIFIER
REV. A
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com