Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285Z-1.2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM285Z-1.2
Description  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285Z-1.2 Datasheet(HTML) 2 Page - ON Semiconductor

  LM285Z-1.2 Datasheet HTML 1Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 2Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 3Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 4Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 5Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 6Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 7Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 8Page - ON Semiconductor LM285Z-1.2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM285, LM385B
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Ambient Temperature Range
LM285
LM385
TA
−40 to +85
0 to +70
°C
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−65 to + 150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
ESD
4000
400
2000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
LM285−1.2
LM385−1.2/LM385B−1.2
Unit
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285−1.2/LM385B−1.2
TA = Tlow to Thigh (Note 1)
LM385−1.2
TA = Tlow to Thigh (Note 1)
V(BR)R
1.223
1.200
1.235
1.247
1.270
1.223
1.210
1.205
1.192
1.235
1.235
1.247
1.260
1.260
1.273
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
8.0
10
20
8.0
15
20
mA
Reverse Breakdown Voltage Change with Current
IRmin v IR v 1.0 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
1.0 mA
v IR v 20 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
DV(BR)R
1.0
1.5
10
20
1.0
1.5
20
25
mV
Reverse Dynamic Impedance
IR = 100 mA, TA = +25°C
Z
0.6
0.6
W
Average Temperature Coefficient
10
mA v IR v 20 mA, TA = Tlow to Thigh (Note 1)
DV(BR)/DT
80
80
ppm/
°C
Wideband Noise (RMS)
IR = 100 mA, 10 Hz v f v 10 kHz
n
60
60
mV
Long Term Stability
IR = 100 mA, TA = +25°C ± 0.1°C
S
20
20
ppm/kHR
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285−2.5/LM385B−2.5
TA = Tlow to Thigh (Note 1)
LM385−2.5
TA = Tlow to Thigh (Note 1)
V(BR)R
2.462
2.415
2.5
2.538
2.585
2.462
2.436
2.425
2.400
2.5
2.5
2.538
2.564
2.575
2.600
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
13
20
30
13
20
30
mA
1. Tlow
= −40
°C for LM285−1.2, LM285−2.5
Thigh = +85°C for LM285−1.2, LM285−2.5
Tlow
= 0
°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5
Thigh =+70°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5


Similar Part No. - LM285Z-1.2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285Z-1.2 MOTOROLA-LM285Z-1.2 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
National Semiconductor ...
LM285Z-1.2 NSC-LM285Z-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM285Z-1.2 NSC-LM285Z-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
logo
ON Semiconductor
LM285Z-1.2 ONSEMI-LM285Z-1.2 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
National Semiconductor ...
LM285Z-1.2 NSC-LM285Z-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
More results

Similar Description - LM285Z-1.2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com