Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM350 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM350
Description  3.0 A, Adjustable Output, Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM350 Datasheet(HTML) 1 Page - ON Semiconductor

  LM350 Datasheet HTML 1Page - ON Semiconductor LM350 Datasheet HTML 2Page - ON Semiconductor LM350 Datasheet HTML 3Page - ON Semiconductor LM350 Datasheet HTML 4Page - ON Semiconductor LM350 Datasheet HTML 5Page - ON Semiconductor LM350 Datasheet HTML 6Page - ON Semiconductor LM350 Datasheet HTML 7Page - ON Semiconductor LM350 Datasheet HTML 8Page - ON Semiconductor LM350 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 4
1
Publication Order Number:
LM350/D
LM350
3.0 A, Adjustable Output,
Positive Voltage Regulator
The LM350 is an adjustable three−terminal positive voltage
regulator capable of supplying in excess of 3.0 A over an output
voltage range of 1.2 V to 33 V. This voltage regulator is
exceptionally easy to use and requires only two external resistors to
set the output voltage. Further, it employs internal current limiting,
thermal shutdown and safe area compensation, making it essentially
blow−out proof.
The LM350 serves a wide variety of applications including local,
on card regulation. This device also makes an especially simple
adjustable switching regulator, a programmable output regulator, or
by connecting a fixed resistor between the adjustment and output, the
LM350 can be used as a precision current regulator.
Features
Guaranteed 3.0 A Output Current
Output Adjustable between 1.2 V and 33 V
Load Regulation Typically 0.1%
Line Regulation Typically 0.005%/V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting Constant with Temperature
Output Transistor Safe Area Compensation
Floating Operation for High Voltage Applications
Standard 3−lead Transistor Package
Eliminates Stocking Many Fixed Voltages
Pb−Free Packages are Available*
Figure 1. Simplified Application
* = Cin is required if regulator is located an appreciable distance from power supply filter.
** = CO is not needed for stability, however, it does improve transient response.
Since IAdj is controlled to less than 100 mA, the error associated with this term is negligible in most applications
LM350
Vin
vout
R1
240
R2
Adjust
IAdj
Cin*
0.1
mF
+ C
O**
1
mF
Vout + 1.25 V 1 )
R2
R1
) IAdj R2
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
TO−220
T SUFFIX
PLASTIC PACKAGE
CASE 221AB
THREE−TERMINAL
ADJUSTABLE POSITIVE
VOLTAGE REGULATOR
1
2
3
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
350T
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Device
AWLYWWG
LM
Pin 1. Adjust
2. Vout
3. Vin
Heatsink surface is connected to Pin 2.
http://onsemi.com


Similar Part No. - LM350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM350 MOTOROLA-LM350 Datasheet
172Kb / 12P
   THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
STMicroelectronics
LM350 STMICROELECTRONICS-LM350 Datasheet
103Kb / 7P
   THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
March 1993
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
ON Semiconductor
LM350 ONSEMI-LM350 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
STMicroelectronics
LM350 STMICROELECTRONICS-LM350 Datasheet
586Kb / 14P
   Three-terminal 3 A adjustable voltage regulators
More results

Similar Description - LM350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com