Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JLC1562BFEL Datasheet(PDF) 8 Page - ON Semiconductor

Part # JLC1562BFEL
Description  I2C Bus I/O Expander
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

JLC1562BFEL Datasheet(HTML) 8 Page - ON Semiconductor

  JLC1562BFEL Datasheet HTML 1Page - ON Semiconductor JLC1562BFEL Datasheet HTML 2Page - ON Semiconductor JLC1562BFEL Datasheet HTML 3Page - ON Semiconductor JLC1562BFEL Datasheet HTML 4Page - ON Semiconductor JLC1562BFEL Datasheet HTML 5Page - ON Semiconductor JLC1562BFEL Datasheet HTML 6Page - ON Semiconductor JLC1562BFEL Datasheet HTML 7Page - ON Semiconductor JLC1562BFEL Datasheet HTML 8Page - ON Semiconductor JLC1562BFEL Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
JLC1562B
http://onsemi.com
8
PACKAGE DIMENSIONS
PDIP−16
N SUFFIX
CASE 648−08
ISSUE T
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
−A−
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
−T−
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.10
0.20
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
0.78
−−−
0.031
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS AND ARE
MEASURED AT THE PARTING LINE. MOLD FLASH
OR PROTRUSIONS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
M
L
DETAIL P
VIEW P
c
A
b
e
M
0.13 (0.005)
0.10 (0.004)
1
16
9
8
D
Z
E
A
b
c
D
E
e
L
M
Z
SOEIAJ−16
CASE 966−01
ISSUE A


Similar Part No. - JLC1562BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
JLC1562BFEL ONSEMI-JLC1562BFEL Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
More results

Similar Description - JLC1562BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
JLC1562B ONSEMI-JLC1562B Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Texas Instruments
PCF8574A TI-PCF8574A Datasheet
392Kb / 16P
[Old version datasheet]   REMOTE 8BIT I/O EXPANDER FOR I2C BUS
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
   8-BIT I/O EXPANDER for I2C BUS
logo
Renesas Technology Corp
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
logo
NXP Semiconductors
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Texas Instruments
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
   Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
   Remote 8-bit I/O expander for I2C-bus
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com