Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J111RLRA Datasheet(PDF) 3 Page - ON Semiconductor

Part # J111RLRA
Description  JFET Chopper Transistors N?묬hannel - Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J111RLRA Datasheet(HTML) 3 Page - ON Semiconductor

  J111RLRA Datasheet HTML 1Page - ON Semiconductor J111RLRA Datasheet HTML 2Page - ON Semiconductor J111RLRA Datasheet HTML 3Page - ON Semiconductor J111RLRA Datasheet HTML 4Page - ON Semiconductor J111RLRA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
J111, J112
http://onsemi.com
3
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 1. Turn−On Delay Time
RK = 0
TJ = 25°C
J111
J112
J113
VGS(off) = 12 V
= 7.0 V
= 5.0 V
RK = RD
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 2. Rise Time
RK = RD
RK = 0
TJ = 25°C
J111
J112
J113
VGS(off) = 12 V
= 7.0 V
= 5.0 V
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 3. Turn−Off Delay Time
RK = RD
RK = 0
TJ = 25°C
J111
J112
J113
VGS(off) = 12 V
= 7.0 V
= 5.0 V
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 4. Fall Time
RK = RD
RK = 0
TJ = 25°C
J111
J112
J113
VGS(off) = 12 V
= 7.0 V
= 5.0 V
TYPICAL SWITCHING CHARACTERISTICS
NOTE 1
The switching characteristics shown above were measured using a test
circuit similar to Figure 5. At the beginning of the switching interval,
the gate voltage is at Gate Supply Voltage (−VGG). The Drain−Source
Voltage (VDS) is slightly lower than Drain Supply Voltage (VDD) due
to the voltage divider. Thus Reverse Transfer Capacitance (Crss) or
Gate−Drain Capacitance (Cgd) is charged to VGG + VDS.
During the turn−on interval, Gate−Source Capacitance (Cgs)
discharges through the series combination of RGen and RK. Cgd must
discharge to VDS(on) through RG and RK in series with the parallel
combination of effective load impedance (R
D) and Drain−Source
Resistance (rds). During the turn−off, this charge flow is reversed.
Predicting turn−on time is somewhat difficult as the channel resistance
rds is a function of the gate−source voltage. While Cgs discharges, VGS
approaches zero and rds decreases. Since Cgd discharges through rds,
turn−on time is non−linear. During turn−off, the situation is reversed
with rds increasing as Cgd charges.
The above switching curves show two impedance conditions; 1) RK
is equal to RD, which simulates the switching behavior of cascaded
stages where the driving source impedance is normally the load
impedance of the previous stage, and 2) RK = 0 (low impedance) the
driving source impedance is that of the generator.
RGEN
50
W
VGEN
INPUT
RK
50
W
RGG
VGG
50
W
OUTPUT
RD
+VDD
RT
SET VDS(off) = 10 V
INPUT PULSE
tr
tf
PULSE WIDTH
DUTY CYCLE
≤ 0.25 ns
≤ 0.5 ns
= 2.0
ms
≤ 2.0%
RGG & RK
RD +
RD(RT ) 50)
RD ) RT ) 50
Figure 5. Switching Time Test Circuit


Similar Part No. - J111RLRA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Micross Components
J111 MICROSS-J111 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Siliconix J111
logo
Fairchild Semiconductor
J111 FAIRCHILD-J111 Datasheet
101Kb / 5P
   N-Channel Switch
logo
InterFET Corporation
J111 INTERFET-J111 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Calogic, LLC
J111 CALOGIC-J111 Datasheet
21Kb / 1P
   N-Channel JFET Switch
More results

Similar Description - J111RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5638 ONSEMI-2N5638_06 Datasheet
51Kb / 3P
   JFET Chopper Transistors N-Channel - Depletion
March, 2006 ??Rev. 4
J111 ONSEMI-J111_12 Datasheet
90Kb / 5P
   JFET Chopper Transistors N.Channel . Depletion
March, 2006 ??Rev. 2
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com