Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3180TV Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD3180TV
Description  2A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3180TV Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD3180TV Datasheet HTML 1Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 2Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 3Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 4Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
FOD3180 Rev. 1.0.3
Notes:
1.
Derate linearly above +70°C free air temperature at a rate of 0.3mA/°C.
2.
The output currents IOH and IOL are specified with a capacitive current limited load = (3 x 0.01µF) + 0.5Ω,
frequency = 8kHz, 50% DF. The maximum pulse width of the output current is 300ns, maximum duty cycle = 0.48%.
Output currents specified for different values of VDS for VCC – VEE = 20V with the formula:
VOH = (VCC – VEE) – (IOH x RDS(ON)).
This guarantees operation at IO peak minimum = 2.0A for -40°C to +100°C operating temperature range.
3.
The output currents IOH and IOL are specified with a capacitive current limited load = (3 x 0.01µF) + 8.5Ω,
frequency = 8kHz, 50% DF. The maximum pulse width of the output current is 1.5µs, maximum duty cycle = 2.4%.
Output currents specified for different values of VDS for VCC – VEE = 20V with the formula:
VOL = (VCC – VEE) – (IOL x RDS(ON)).
This guarantees operation at IO peak minimum = 0.5A for -40°C to +100°C operating temperature range.
4.
Derate linearly above +87°C, free air temperature at the rate of 0.77mW/°C. Refer to Figure 12.
5.
No derating required across operating temperature range.
6.
In this test, VOH is measured with a dc load current. When driving capacitive load VOH will approach VCC as IOH
approaches zero amps.
7.
Maximum pulse width = 1ms, maximum duty cycle = 20%.
8.
tPHL propagation delay is measured from the 50% level on the falling edge of the input pulse to the 50% level of the
falling edge of the VO signal. tPLH propagation delay is measured from the 50% level on the rising edge of the input
pulse to the 50% level of the rising edge of the VO signal.
9.
PWD is defined as | tPHL – tPLH | for any given device.
10. The difference between tPHL and tPLH between any two FOD3180 parts under same test conditions.
11. Pin 1 and 4 need to be connected to LED common.
12. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse
VCM to assure that the output will remain in the high state (i.e. VO > 10.0V).
13. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse,
VCM, to assure that the output will remain in a low state (i.e. VO < 1.0V).
14. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 6000Vrms for
1 second (leakage detection current limit II-O < 5µA).
15. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted
together.


Similar Part No. - FOD3180TV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180TV FAIRCHILD-FOD3180TV Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180TV ONSEMI-FOD3180TV Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results

Similar Description - FOD3180TV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com