Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3181SD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD3181SD
Description  0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3181SD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD3181SD Datasheet HTML 2Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 3Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 4Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 5Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 6Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 7Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 8Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 9Page - Fairchild Semiconductor FOD3181SD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
FOD3181 Rev. 1.0.3
Fig. 7 Propagation Delay vs. Load Capacitance
CG – Load Capacitance (nF)
510
15
2025
60
80
100
120
140
160
180
200
V
CC = 20V, VEE = 0
I
F = 10mA, TA = 25
oC
R
G = 10Ω
f = 250 kHz, D. Cycle = 50%
t
PHL
t
PLH
Fig. 8 Propagation Delay vs. Forward LED Current
IF – Forward LED Current (mA)
68
10
12
14
16
60
80
100
120
140
160
180
200
V
CC = 20V, VEE = 0
R
G = 10Ω, CG = 10nF
f = 250 kHz, D. Cycle = 50%
T
A = 25
oC
t
PHL
t
PLH
Fig. 9 Propagation Delay vs. Series Load Resistance
RG – Series Load Resistance (Ω)
10
20
30
40
50
60
80
100
120
140
160
180
200
V
CC = 20V, VEE = 0
I
F = 10mA, TA = 25
oC
C
G = 10nF
f = 250 kHz, D. Cycle = 50%
t
PHL
t
PLH
Fig. 10 Propagation Delay vs. Ambient Temperature
TA – Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
60
80
100
120
140
160
180
200
V
CC
= 20V, V
EE = 0
I
F = 10 mA
R
G = 10Ω, CG = 10nF
f = 250kHz, D. Cycle = 50%
t
PHL
t
PLH
Fig. 11 Propagation Delay vs. Supply Voltage
VCC – Supply Voltage (V)
10
15
20
25
60
80
100
120
140
160
180
I
F = 10mA, TA = 25
oC
R
G = 10Ω, CG = 10nF
f = 250 kHz, D. Cycle = 50%
t
PHL
t
PLH
, C
G = 10nF


Similar Part No. - FOD3181SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181SD FAIRCHILD-FOD3181SD Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181SDV FAIRCHILD-FOD3181SDV Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results

Similar Description - FOD3181SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com