Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144WET1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTA144WET1G
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA144WET1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTA144WET1G Datasheet HTML 2Page - ON Semiconductor DTA144WET1G Datasheet HTML 3Page - ON Semiconductor DTA144WET1G Datasheet HTML 4Page - ON Semiconductor DTA144WET1G Datasheet HTML 5Page - ON Semiconductor DTA144WET1G Datasheet HTML 6Page - ON Semiconductor DTA144WET1G Datasheet HTML 7Page - ON Semiconductor DTA144WET1G Datasheet HTML 8Page - ON Semiconductor DTA144WET1G Datasheet HTML 9Page - ON Semiconductor DTA144WET1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DTA114EET1 Series
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS − DTA114EET1
Figure 3. VCE(sat) versus IC
100
10
1
0.1
0.01
0.001
0
Vin, INPUT VOLTAGE (VOLTS)
TA =−25°C
25°C
1
2
3
4
5
6
7
8
9
10
Figure 4. DC Current Gain
Figure 5. Output Capacitance
Figure 6. Output Current versus Input Voltage
Figure 7. Input Voltage versus Output Current
0.01
20
IC, COLLECTOR CURRENT (mA)
0.1
1
0
40
50
1000
1
10
100
IC, COLLECTOR CURRENT (mA)
TA =75°C
−25°C
100
10
0
IC, COLLECTOR CURRENT (mA)
0.1
1
10
100
10
20
30
40
50
TA =−25°C
25°C
75°C
75°C
IC/IB = 10
50
010
20
30
40
4
3
1
2
VR, REVERSE BIAS VOLTAGE (VOLTS)
0
TA =−25°C
25°C
75°C
25°C
VCE = 10 V
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V


Similar Part No. - DTA144WET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA144WET1G ONSEMI-DTA144WET1G Datasheet
138Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
September, 2012 ??Rev. 1
DTA144WET1G ONSEMI-DTA144WET1G Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
DTA144WET1G ONSEMI-DTA144WET1G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - DTA144WET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com