Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA115EET1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DTA115EET1G
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA115EET1G Datasheet(HTML) 3 Page - ON Semiconductor

  DTA115EET1G Datasheet HTML 1Page - ON Semiconductor DTA115EET1G Datasheet HTML 2Page - ON Semiconductor DTA115EET1G Datasheet HTML 3Page - ON Semiconductor DTA115EET1G Datasheet HTML 4Page - ON Semiconductor DTA115EET1G Datasheet HTML 5Page - ON Semiconductor DTA115EET1G Datasheet HTML 6Page - ON Semiconductor DTA115EET1G Datasheet HTML 7Page - ON Semiconductor DTA115EET1G Datasheet HTML 8Page - ON Semiconductor DTA115EET1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DTA114EET1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
DTA114EET1
(VEB = 6.0 V, IC = 0)
DTA124EET1
DTA144EET1
DTA114YET1
DTA114TET1
DTA143TET1
DTA123EET1
DTA143EET1
DTA143ZET1
DTA124XET1
DTA123JET1
DTA115EET1
DTA144WET1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
DC Current Gain
DTA114EET1
(VCE = 10 V, IC = 5.0 mA)
DTA124EET1
DTA144EET1
DTA114YET1
DTA114TET1
DTA143TET1
DTA123EET1
DTA143EET1
DTA143ZET1
DTA124XET1
DTA123JET1
DTA115EET1
DTA144WET1
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
DTA123EET1
(IC = 10 mA, IB = 1 mA)
DTA114TET1/DTA143TET1
DTA143ZET1/DTA124XET1
DTA143EET1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
DTA114EET1
DTA124EET1
DTA114YET1
DTA114TET1
DTA143TET1
DTA123EET1
DTA143EET1
DTA143ZET1
DTA124XET1
DTA123JET1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
DTA144EET1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
DTA115EET1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
DTA144WET1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
5. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - DTA115EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA115EET1G ONSEMI-DTA115EET1G Datasheet
126Kb / 9P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
September, 2012 ??Rev. 1
DTA115EET1G ONSEMI-DTA115EET1G Datasheet
166Kb / 10P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - DTA115EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com