Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5Z5.0T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD5Z5.0T1
Description  Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD5Z5.0T1 Datasheet(HTML) 1 Page - ON Semiconductor

  ESD5Z5.0T1 Datasheet HTML 1Page - ON Semiconductor ESD5Z5.0T1 Datasheet HTML 2Page - ON Semiconductor ESD5Z5.0T1 Datasheet HTML 3Page - ON Semiconductor ESD5Z5.0T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 5
1
Publication Order Number:
ESD5Z2.5T1/D
ESD5Z2.5T1 SERIES
Transient Voltage
Suppressors
Micro−Packaged Diodes for ESD Protection
The ESD5Z Series is designed to protect voltage sensitive components
from ESD and transient voltage events. Excellent clamping capability,
low leakage, and fast response time, make these parts ideal for ESD
protection on designs where board space is at a premium. Because of its
small size, it is suited for use in cellular phones, portable devices, digital
cameras, power supplies and many other portable applications.
Specification Features:
Small Body Outline Dimensions:
0.047″ x 0.032″ (1.20 mm x 0.80 mm)
Low Body Height: 0.028″ (0.7 mm)
Stand−off Voltage: 2.5 V − 12 V
Peak Power up to 240 Watts @ 8 x 20 ms Pulse
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 Level 4 EFT Protection
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Air
Contact
±30
±30
kV
IEC 61000−4−4 (EFT)
40
A
ESD Voltage
Per Human Body Model
Per Machine Model
16
400
kV
V
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
200
mW
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
Device
Package
Shipping
ORDERING INFORMATION
SOD−523
CASE 502
PLASTIC
1
Cathode
2
Anode
ESD5ZxxxT1
SOD−523
3000/Tape & Reel
MARKING DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 2 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
http://onsemi.com
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Package
XX
1
2
G
(Note: Microdot may be in either location)
ESD5ZxxxT1G
SOD−523
Pb−Free
3000/Tape & Reel
*Date Code orientation may vary
depending upon manufacturing location.


Similar Part No. - ESD5Z5.0T1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ESD5Z5.0T1 LUGUANG-ESD5Z5.0T1 Datasheet
289Kb / 3P
   Transient Voltage Suppressors
logo
ON Semiconductor
ESD5Z5.0T1G ONSEMI-ESD5Z5.0T1G Datasheet
148Kb / 5P
   Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Guangdong Youtai Semico...
ESD5Z5.0T1G UMW-ESD5Z5.0T1G Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
ON Semiconductor
ESD5Z5.0T1G/T5G ONSEMI-ESD5Z5.0T1G/T5G Datasheet
70Kb / 5P
   Transient Voltage suppressors
December, 2014 ??Rev. 13
More results

Similar Description - ESD5Z5.0T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5484FCT5G ONSEMI-ESD5484FCT5G_13 Datasheet
132Kb / 6P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
March, 2013 ??Rev. 2
ESD9B3.3ST5G ONSEMI-ESD9B3.3ST5G Datasheet
132Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
September, 2008 ??Rev. 0
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
138Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD11N5.0ST5G ONSEMI-ESD11N5.0ST5G Datasheet
138Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
   ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
ESD7C3.3DT5G ONSEMI-ESD7C3.3DT5G Datasheet
85Kb / 4P
   Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
   ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
   Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
logo
Shanghai Shunye Electro...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
ON Semiconductor
ESD7481MUT5G ONSEMI-ESD7481MUT5G Datasheet
116Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com