Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB201D Datasheet(PDF) 4 Page - ON Semiconductor

Part # EB201D
Description  High Cell Density MOSFETs Low On-Resistance Affords New Design Options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EB201D Datasheet(HTML) 4 Page - ON Semiconductor

  EB201D Datasheet HTML 1Page - ON Semiconductor EB201D Datasheet HTML 2Page - ON Semiconductor EB201D Datasheet HTML 3Page - ON Semiconductor EB201D Datasheet HTML 4Page - ON Semiconductor EB201D Datasheet HTML 5Page - ON Semiconductor EB201D Datasheet HTML 6Page - ON Semiconductor EB201D Datasheet HTML 7Page - ON Semiconductor EB201D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EB201/D
http://onsemi.com
4
Table 1. Current Handling Capability and Junction Temperature Comparison
Devices
Max RDS(on) @ 255C (mW)
Max Current (Amps)
Junction Temperature (
5C)
HDTMOS TO–220
10
21(1)
150(2)
STD TO–220
21
15(1)
180(2)
HD DPAK on FR4
45
3.6(3)
125(4)
STD DPAK on FR4
100
2.2(3)
185(4)
HD D2PAK on FR4
10
7.1(5)
125(6)
STD D2PAK on FR4
21
5.0(5)
185(6)
HD D2PAK on Thermal Clad
®
10
15.3(7)
125(8)
STD D2PAK on Thermal Clad
21
10.7(7)
185(8)
HD 8–Pin SOIC (1 of 2 Die)
64
2.2(9)
125(10)
STD 8–Pin SOIC (1 of 2 Die)
132
1.6(9)
185(10)
1. Largest die available in a TO–220, RΘJC = 1.0°C/W, RΘCA = 5.0°C/W, Tamb = 125°C, Tmax = 175°C.
2. Largest die available in a TO–220, RΘJC = 1.0°C/W, RΘCA = 5.0°C/W, Tamb = 125°C, Id = 15.5 A.
3. Largest die available in a DPAK, RΘJC = 3.12°C/W, RΘCA = 50°C/W, Tamb = 85°C, Tboard = 125°C max.
4. Largest die available in a DPAK, RΘJC = 3.12°C/W, RΘCA = 50°C/W, Tamb = 85°C, Id = 3.6 A.
5. Largest die available in a D2PAK, RΘJC = 1.0°C/W, RΘCA = 50°C/W, Tamb = 85°C, Tboard = 125°C max.
6. Largest die available in a D2PAK, RΘJC = 1.0°C/W, RΘCA = 50°C/W, Tamb = 85°C, Id = 7.1 A.
7. Largest die available in a D2PAK, RΘJC = 1.0°C/W, RΘCA = 10°C/W, Tamb = 85°C, Tboard = 125°C max.
8. Largest die available in a D2PAK, RΘJC = 1.0°C/W, RΘCA = 10°C/W, Tamb = 85°C, Id = 15.3A.
9. Largest die available in an 8–pin SOIC, RΘJC = 5.0°C/W, RΘCA = 75°C/W, Tamb = 85°C, Tboard = 125°C max.
10. Largest die available in an 8–pin SOIC, RΘJC = 5.0°C/W, RΘCA = 75°C/W, Tamb = 85°C, Id = 2.2 A.
Behavior of Intrinsic Diode
The switching characteristics of the MOSFET’s body
diode are very important in systems such as PWM (pulse
width modulated) motor controllers that use it as a
freewheeling, or commutating diode. Of particular interest
are the diode’s reverse recovery characteristics, which play
a major role in determining radiated and conducted noise as
well as switching losses.
As a minority carrier device, the body diode takes a finite
time, trr, to switch from forward conducting to reverse
blocking due to the storage of minority carrier charge, Qrr.
A typical waveform showing Qrr, trr, ta, and tb is shown in
Figure 5. Qrr, trr, ta, and tb are a function of the forward
current and the rate at which the diode is switched, or applied
di/dt. The abruptness or snappiness of diode recovery is best
described by the ratio tb/ta. A ratio of 1 is considered ideal
and values less than 0.5 are considered snappy. Another key
characteristic to note is that the diode will not support
reverse voltage until the peak reverse recovery current is
reached. It is these above mentioned characteristics that
determine commutation losses and noise.
Because the diode will not support voltage until the peak
reverse recovery current is reached, the transistor that is
turning on and diverting current from the diode (usually the
transistor in the opposite leg of a 1/2 bridge) takes the brunt
of the commutation losses. The diode incurs little power
dissipation until the relatively brief tb time. Obviously,
repeatedly forcing the diode through reverse recovery
increases transistor power dissipation. Therefore, in PWM
applications one would like a diode with short trr and low Qrr
to minimize these losses.
Figure 5. Diode Reverse Recovery Comparison
Qrr
MTP50N06E
MTP75N05HD
trr
ta
tb
0
IDIODE
20 ns/DIV
di/dt = 100 A/microsecond, lfm = 25 A
Cutting switching losses is easily accomplished by
boosting switching speeds; however, the repercussions of
this strategy must be carefully considered. Sharpening the
switching edges generates more electrical noise. The
mechanisms at work are finite irremovable parasitic
inductances and capacitances acted upon by high di/dt’s and
dv/dt’s. The diode’s negative di/dt during ta is directly
controlled by the transistor clearing the stored charge.
However, the positive di/dt during tb is more dependent on
the diode itself, the maximum reverse recovery current, and
parasitic circuit elements. The abrupt edges during tb induce


Similar Part No. - EB201D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2011-A-J20 NKK-EB2011-A-J20 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2011-A-J30 NKK-EB2011-A-J30 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2011-A-J40 NKK-EB2011-A-J40 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-A-J50 NKK-EB2011-A-J50 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB201D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ME2302A29T SUNMATE-ME2302A29T Datasheet
472Kb / 4P
   High-density cell design for ultra low on-resistance
logo
First Silicon Co., Ltd
FTK7000 FS-FTK7000 Datasheet
154Kb / 2P
   High density cell design for low RDS(ON)
FTK7002T FS-FTK7002T Datasheet
680Kb / 5P
   High density cell design for low RDS(ON)
logo
Advanced Monolithic Sys...
AMS2304 AMS-AMS2304 Datasheet
683Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS3401M23RG AMS-AMS3401M23RG Datasheet
306Kb / 6P
   Super high density cell design for Extremely low RDS(ON)
AMS3402 AMS-AMS3402 Datasheet
736Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS3406 AMS-AMS3406 Datasheet
449Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS3407S23RG AMS-AMS3407S23RG Datasheet
295Kb / 6P
   Super high density cell design for extremely low RDS(ON)
logo
First Silicon Co., Ltd
FTK4559 FS-FTK4559 Datasheet
682Kb / 5P
   Super High Density Cell Design for Extremely Low RDS(ON)
logo
Advanced Monolithic Sys...
AMS2305 AMS-AMS2305 Datasheet
318Kb / 6P
   Super high density cell design for extremely low RDS(ON)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com