Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MQKTPR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM317MQKTPR
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317MQKTPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM317MQKTPR Datasheet HTML 3Page - Texas Instruments LM317MQKTPR Datasheet HTML 4Page - Texas Instruments LM317MQKTPR Datasheet HTML 5Page - Texas Instruments LM317MQKTPR Datasheet HTML 6Page - Texas Instruments LM317MQKTPR Datasheet HTML 7Page - Texas Instruments LM317MQKTPR Datasheet HTML 8Page - Texas Instruments LM317MQKTPR Datasheet HTML 9Page - Texas Instruments LM317MQKTPR Datasheet HTML 10Page - Texas Instruments LM317MQKTPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
APPLICATION INFORMATION
LM317M
R1
240
IAdj
R2
Adjust
Ci (Note A)
0.1
µF
CO (Note B)
1.0
µF
VI
VO (Note C)
NOTES: A. Ci is not required, but is recommended, particularly if the regulator is not in close proximity
to the power-supply filter capacitors. A 0.1-
µF disc or 1-µF tantalum provides sufficient
bypassing for most applications, especially when adjustment and output capacitors are used.
B. CO improves transient response, but is not needed for stability.
C. VO is calculated as shown:
Because IAdj typically is 50 µA, it is negligible in most applications.
D. CADJ is used to improve ripple rejection; it prevents amplification of the ripple as the output voltage
is adjusted higher. If CADJ is used, it is best to include protection diodes.
E. If the input is shorted to ground during a fault condition, protection diodes provide measures to
prevent the possiblility of external capacitors discharging through low-impedance paths in the IC. By
providing low-impedance discharge paths for CO and CADJ, respectively, D1 and D2 prevent the
capacitors from discharging into the output of the regulator.
Output
Input
Vref = 1.25 V
V
O
+ Vref 1 )
R
2
R
1
) (IAdj
R
2)
D1 (Note E)
1N4002
D2 (Note E)
1N4002
CADJ (Note D)
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
Figure 14. Adjustable Voltage Regulator
7
Submit Documentation Feedback


Similar Part No. - LM317MQKTPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MQKTPR TI-LM317MQKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
398Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI1-LM317MQKTPR Datasheet
937Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM317MQKTPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com