Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS3L02AL Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS3L02AL
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS3L02AL Datasheet HTML 8Page - STMicroelectronics LIS3L02AL Datasheet HTML 9Page - STMicroelectronics LIS3L02AL Datasheet HTML 10Page - STMicroelectronics LIS3L02AL Datasheet HTML 11Page - STMicroelectronics LIS3L02AL Datasheet HTML 12Page - STMicroelectronics LIS3L02AL Datasheet HTML 13Page - STMicroelectronics LIS3L02AL Datasheet HTML 14Page - STMicroelectronics LIS3L02AL Datasheet HTML 15Page - STMicroelectronics LIS3L02AL Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical performance characteristics
LIS3L02AL
12/17
5
Typical performance characteristics
5.1
Mechanical Characteristics at 25°C
Figure 5.
x-axis Zero-g level at 3.3V
Figure 6.
x-axis sensitivity at 3.3V
Figure 7.
y-axis Zero-g level at 3.3V
Figure 8.
y-axis sensitivity at 3.3V
Figure 9.
z-axis Zero-g level at 3.3V
Figure 10.
z-axis sensitivity at 3.3V
1.55
1.6
1.65
1.7
1.75
0
2
4
6
8
10
12
14
16
18
20
Zero−g Level (V)
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
20
25
30
Sensitivity (V/g)
1.55
1.6
1.65
1.7
1.75
0
5
10
15
20
25
Zero−g Level (V)
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
20
25
Sensitivity (V/g)
1.55
1.6
1.65
1.7
1.75
0
2
4
6
8
10
12
14
16
18
20
Zero−g Level (V)
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
20
25
Sensitivity (V/g)


Similar Part No. - LIS3L02AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
   MEMS INERTIAL SENSOR: 3-Axis - 짰g/짰g LINEAR ACCELEROMETER
LIS3L02AQ3TR STMICROELECTRONICS-LIS3L02AQ3TR Datasheet
258Kb / 13P
   MEMS INERTIAL SENSOR: 3-Axis - 짰g/짰g LINEAR ACCELEROMETER
LIS3L02AQ5 STMICROELECTRONICS-LIS3L02AQ5 Datasheet
199Kb / 15P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
More results

Similar Description - LIS3L02AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS344ALH_0804 STMICROELECTRONICS-LIS344ALH_0804 Datasheet
220Kb / 19P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com