Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC237B Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC237B
Description  Amplifier Transistors NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237B Datasheet(HTML) 1 Page - ON Semiconductor

  BC237B Datasheet HTML 1Page - ON Semiconductor BC237B Datasheet HTML 2Page - ON Semiconductor BC237B Datasheet HTML 3Page - ON Semiconductor BC237B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
BC237/D
BC237, BC237B, BC237C,
BC239C
Amplifier Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
BC237
BC239
VCEO
45
25
Vdc
Collector −Emitter Voltage
BC237
BC239
VCES
50
30
Vdc
Collector −Emitter Voltage
BC237
BC239
VEBO
6.0
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
350
2.8
mW
mW/
°C
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
1.0
8.0
W
mW/
°C
Operating and Storage Temperature
Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
357
°C/W
Thermal Resistance, Junction−to−Case
RqJC
125
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BC237
TO−92
5000 Units / Bulk
BC23xy = Device Code
x = 7 or 9
y = B or C
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAM
TO−92
CASE 29
STYLE 17
1 2
3
BC237B
TO−92
5000 Units / Bulk
BC237G
TO−92
(Pb−Free)
5000 Units / Bulk
BC237BG
TO−92
(Pb−Free)
5000 Units / Bulk
(Note: Microdot may be in either location)
http://onsemi.com
BC23
xy
AYWW
G
G
COLLECTOR
1
2
BASE
3
EMITTER
BC237BRL1
TO−92
2000/Tape & Reel
BC237BZL1
TO−92
2000/Ammo Pack
BC237BRL1G
TO−92
(Pb−Free)
2000/Tape & Reel
BC237BZL1G
TO−92
(Pb−Free)
2000/Ammo Pack
BC237C
TO−92
5000 Units / Bulk
BC237CG
TO−92
(Pb−Free)
5000 Units / Bulk
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - BC237B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC237B MOTOROLA-BC237B Datasheet
112Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC237B ONSEMI-BC237B Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC237B PHILIPS-BC237B Datasheet
51Kb / 8P
   NPN general purpose transistors
1997 Sep 04
logo
Fairchild Semiconductor
BC237B FAIRCHILD-BC237B Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC237B ONSEMI-BC237B Datasheet
65Kb / 4P
   Amplifier Transistors
March, 2007 ??Rev. 5
More results

Similar Description - BC237B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com