Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAV99LT1
Description  Dual Series Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV99LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAV99LT1 Datasheet HTML 1Page - ON Semiconductor BAV99LT1 Datasheet HTML 2Page - ON Semiconductor BAV99LT1 Datasheet HTML 3Page - ON Semiconductor BAV99LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 4
1
Publication Order Number:
BAV99LT1/D
BAV99LT1
Dual Series
Switching Diode
Features
Pb−Free Packages are Available
MAXIMUM RATINGS (Each Diode)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward Current (Note 1)
(averaged over any 20 ms period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0
ms
t = 1.0 ms
t = 1.0 s
IFSM
2.0
1.0
0.5
A
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−65 to
+150
°C
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
CASE 318
SOT−23
STYLE 11
BAV99LT1
SOT−23
3000/Tape & Reel
MARKING DIAGRAM
A7
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
2
3
3
CATHODE/ANODE
ANODE
1
CATHODE
2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAV99LT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
BAV99LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
BAV99LT3
SOT−23
10,000/Tape & Reel
http://onsemi.com
1
A7 M
G
G


Similar Part No. - BAV99LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAV99LT1 MOTOROLA-BAV99LT1 Datasheet
110Kb / 6P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV99LT1 ONSEMI-BAV99LT1 Datasheet
76Kb / 4P
   Monolithic Dual Switching Diode
September, 2004 ??Rev. 3
logo
Leshan Radio Company
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
SHENZHEN YONGERJIA INDU...
BAV99LT1 WINNERJOIN-BAV99LT1 Datasheet
84Kb / 2P
   SWITCHING DIODE
logo
ON Semiconductor
BAV99LT1G ONSEMI-BAV99LT1G Datasheet
76Kb / 4P
   Monolithic Dual Switching Diode
September, 2004 ??Rev. 3
More results

Similar Description - BAV99LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
   Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
   Dual Series Switching Diode
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
   Dual Series Switching Diode
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G Datasheet
316Kb / 5P
   Dual Series Switching Diode
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
   Dual Series Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com