Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8126-1YDPSR7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8126-1YDPSR7
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126-1YDPSR7 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8126-1YDPSR7 Datasheet HTML 1Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 2Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 3Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 4Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 5Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 6Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 7Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 8Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS8126
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (TA = −40°C to +125°C, TJ = −40°C to +150°C, VIN = 6.0 to 26 V,
IO = 5.0 to 500 mA, RRESET = 4.7 kW to VCC, unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
RESET and Delay Functions
Delay Charge Current
VDelay = 2.0 V
5.0
10
15
mA
RESET Threshold
VOUT Increasing, VRT(ON)
VOUT Decreasing, VRT(OFF)
4.65
4.50
4.90
4.70
VOUT − 0.01
VOUT − 0.15
V
V
RESET Hysteresis
VRH = VRT(ON) − VRT(OFF)
150
200
250
mV
Delay Threshold
Charge, VDC(HI)
Discharge, VDC(LO)
3.25
2.85
3.50
3.10
3.75
3.35
V
V
Delay Hysteresis
200
400
800
mV
RESET Output Voltage Low
1.0 V < VOUT < VRTL, 3.0 kW to VOUT
0.1
0.4
V
RESET Output Leakage Current
VOUT > VRT(ON)
0
10
mA
Delay Capacitor Discharge Voltage
Discharge Latched “ON”, VOUT > VRT
0.2
0.5
V
Delay Time
CDelay = 0.1 mF*. Note 4
16
32
48
ms
*Delay Time
+
CDelay
VDelayThreshold Charge
ICharge
+ CDelay
3.2
4. Assumes Ideal Capacitor
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
TO−220−5
D2PAK−7
1
1
VIN
Unregulated supply voltage to IC.
2
2
VOUT
Regulated 5.0 V output.
3
4
GND
Ground connection.
4
5
Delay
Timing capacitor for RESET function.
5
6
RESET
CMOS/TTL compatible output lead. RESET goes low after detection of any error in
the regulated output or during power up.
3
VOUT(SENSE)
Remote sensing of output voltage.
7
NC
No Connection.


Similar Part No. - CS8126-1YDPSR7

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8126-1YT5 CHERRY-CS8126-1YT5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHA5 CHERRY-CS8126-1YTHA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHE5 CHERRY-CS8126-1YTHE5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHER5 CHERRY-CS8126-1YTHER5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTVA5 CHERRY-CS8126-1YTVA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Similar Description - CS8126-1YDPSR7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com