Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8321YT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8321YT3G
Description  Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8321YT3G Datasheet(HTML) 2 Page - ON Semiconductor

  CS8321YT3G Datasheet HTML 1Page - ON Semiconductor CS8321YT3G Datasheet HTML 2Page - ON Semiconductor CS8321YT3G Datasheet HTML 3Page - ON Semiconductor CS8321YT3G Datasheet HTML 4Page - ON Semiconductor CS8321YT3G Datasheet HTML 5Page - ON Semiconductor CS8321YT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CS8321
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
Transient Input Voltage
−15, 45
V
Output Current
Internally Limited
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature
−40 to 150
°C
Storage Temperature
−65 to 150
°C
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 seconds max
2. 60 seconds max above 183°C
ELECTRICAL CHARACTERISTICS (6.0 V < VIN < 26 V, IOUT = 1.0 mA, −40°C ≤ TA ≤ 125°C, −40°C ≤ TJ ≤ 150°C; unless otherwise
specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage, VOUT
9.0 V < VIN 16 V, 100 mA ≤ IOUT ≤ 150 mA
4.9
5.0
5.1
V
Dropout Voltage (VIN − VOUT)
IOUT = 150 mA, −40°C ≤ TA ≤ 85°C
IOUT = 150 mA, TA = 125°C
0.3
0.5
0.6
V
V
Quiescent Current, (IQ)
IOUT = 1.0 mA @ VIN = 13 V
IOUT < 50 mA @ VIN = 13 V
IOUT < 150 mA @ VIN = 13 V
4.0
15
200
6.0
25
mA
mA
mA
Load Regulation
VIN = 14 V, 100 mA < IOUT < 150 mA
5.0
50
mV
Line Regulation
6.0 V ≤ V ≤ 26 V, IOUT = 1.0 mA
5.0
50
mV
Ripple Rejection
7.0 ≤ VIN ≤ 17 V, IOUT = 150 mA, f = 120 Hz
60
75
dB
Current Limit
175
250
mA
Short Circuit Output Current
VOUT = 0 V
60
200
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
140
200
mA
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
TO−220−3
D2PAK−3
1
1
VIN
Input voltage.
2
2
GND
Ground. All GND leads must be connected to ground.
3
3
VOUT
5.0 V, ±2%, 150 mA Output.
ORDERING INFORMATION*
Device
Package
Shipping
CS8321YT3
TO−220−3
50 Units / Rail
CS8321YT3G
TO−220−3
(Pb−Free)
50 Units / Rail
CS8321YDP3
D2PAK−3
50 Units / Rail
CS8321YDP3G
D2PAK−3
(Pb−Free)
50 Units / Rail
CS8321YDPR3
D2PAK−3
750 Units / Tape & Reel
CS8321YDPR3G
D2PAK−3
(Pb−Free)
750 Units / Tape & Reel
*Contact your local sales representative for SO−16, DIP−16, SO−8, and DIP−8 package options.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - CS8321YT3G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8321YT3 CHERRY-CS8321YT3 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
More results

Similar Description - CS8321YT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
Analog Devices
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com