Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16WT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS16WT1G
Description  Silicon Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16WT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAS16WT1G Datasheet HTML 1Page - ON Semiconductor BAS16WT1G Datasheet HTML 2Page - ON Semiconductor BAS16WT1G Datasheet HTML 3Page - ON Semiconductor BAS16WT1G Datasheet HTML 4Page - ON Semiconductor BAS16WT1G Datasheet HTML 5Page - ON Semiconductor BAS16WT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS16WT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
715
866
1000
1250
mV
Reverse Current
(VR = 75 V)
(VR = 75 V, TJ = 150°C)
(VR = 25 V, TJ = 150°C)
IR
1.0
50
30
mA
Capacitance
(VR = 0, f = 1.0 MHz)
CD
2.0
pF
Reverse Recovery Time
(IF = IR = 10 mA, RL = 50 W) (Figure 1)
trr
6.0
ns
Stored Charge
(IF = 10 mA to VR = 6.0 V, RL = 500 W) (Figure 2)
QS
45
PC
Forward Recovery Voltage
(IF = 10 mA, tr = 20 ns) (Figure 3)
VFR
1.75
V


Similar Part No. - BAS16WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16WT1G ONSEMI-BAS16WT1G Datasheet
124Kb / 5P
   Silicon Switching Diode
October, 2010-- Rev. 8
BAS16WT1G ONSEMI-BAS16WT1G Datasheet
134Kb / 5P
   Silicon Switching Diode
October, 2011??Rev. 9
BAS16WT1G ONSEMI-BAS16WT1G Datasheet
61Kb / 5P
   Silicon Switching Diode
March, 2014??Rev. 11
BAS16WT1G ONSEMI-BAS16WT1G_12 Datasheet
134Kb / 5P
   Silicon Switching Diode
October, 2011??Rev. 9
BAS16WT1G ONSEMI-BAS16WT1G_14 Datasheet
61Kb / 5P
   Silicon Switching Diode
March, 2014??Rev. 11
More results

Similar Description - BAS16WT1G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com