Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61151DRCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61151DRCT
Description  DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61151DRCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS61151DRCT Datasheet HTML 1Page - Texas Instruments TPS61151DRCT Datasheet HTML 2Page - Texas Instruments TPS61151DRCT Datasheet HTML 3Page - Texas Instruments TPS61151DRCT Datasheet HTML 4Page - Texas Instruments TPS61151DRCT Datasheet HTML 5Page - Texas Instruments TPS61151DRCT Datasheet HTML 6Page - Texas Instruments TPS61151DRCT Datasheet HTML 7Page - Texas Instruments TPS61151DRCT Datasheet HTML 8Page - Texas Instruments TPS61151DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
TPS61150, TPS61151
SLVS625A – FEBRUARY 2006 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input voltage range
2.5
6
V
VO
Output voltage range
Vin
27
V
L
Inductor(1)
10
µH
Ci
Input capacitor(1)
1
µF
CO
Output capacitor(1)
1
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
See Application Section for further information.
4
Submit Documentation Feedback


Similar Part No. - TPS61151DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61151DRCT TI1-TPS61151DRCT Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61151DRCTG4 TI1-TPS61151DRCTG4 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
More results

Similar Description - TPS61151DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com