Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PE40VMN6TG Datasheet(PDF) 1 Page - STMicroelectronics

Part # M25PE40VMN6TG
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMN6TG Datasheet(HTML) 1 Page - STMicroelectronics

  M25PE40VMN6TG Datasheet HTML 1Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 2Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 3Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 4Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 5Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 6Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 7Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 8Page - STMicroelectronics M25PE40VMN6TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
January 2007
Rev 7
1/59
1
M25PE40
4 Mbit, low voltage, Page-Erasable Serial Flash memory with
byte alterability, 50 MHz SPI bus, standard pinout
Features
SPI bus compatible serial interface
4 Mbit Page-Erasable Flash memory
Page size: 256 bytes
– Page Write in 11 ms (typical)
– Page Program in 0.8 ms (typical)
– Page Erase in 10 ms (typical)
SubSector Erase (4 Kbytes)
Sector Erase (64 Kbytes)
Bulk Erase (4 Mbits)
2.7 V to 3.6 V single supply voltage
50 MHz clock rate (maximum)
Deep Power-down mode 1 µA (typical)
Electronic Signature
– JEDEC standard two-byte signature
(8013h)
Software Write Protection on a 64 Kbyte sector
basis
Hardware Write Protection of the memory area
selected using the BP0, BP1 and BP2 bits
More than 100 000 Write cycles
More than 20 year data retention
Packages
– ECOPACK® (RoHS compliant)
VFQFPN8 (MP)
6 × 5 mm (MLP8)
SO8W (MW) 208 mils width
SO8N (MN) 150 mils width
www.st.com


Similar Part No. - M25PE40VMN6TG

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40-VMN6G NUMONYX-M25PE40-VMN6G Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40-VMN6P NUMONYX-M25PE40-VMN6P Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40-VMN6TG NUMONYX-M25PE40-VMN6TG Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40-VMN6TP NUMONYX-M25PE40-VMN6TP Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
More results

Similar Description - M25PE40VMN6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com