Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2208BML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2208BML
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208BML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2208BML Datasheet HTML 7Page - Micrel Semiconductor MIC2208BML Datasheet HTML 8Page - Micrel Semiconductor MIC2208BML Datasheet HTML 9Page - Micrel Semiconductor MIC2208BML Datasheet HTML 10Page - Micrel Semiconductor MIC2208BML Datasheet HTML 11Page - Micrel Semiconductor MIC2208BML Datasheet HTML 12Page - Micrel Semiconductor MIC2208BML Datasheet HTML 13Page - Micrel Semiconductor MIC2208BML Datasheet HTML 14Page - Micrel Semiconductor MIC2208BML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel, Inc.
MIC2208
D
I
R
P
2
OUT
DSON
SW
×
×
=
Where D is the duty cycle.
Since the MIC2208 uses an internal P-channel
MOSFET, Rdson losses are inversely proportional to
supply voltage. Higher supply voltage yields a higher
gate to source voltage, reducing the Rdson,
reducing the MOSFET conduction losses. A graph
showing typical Rdson vs input supply voltage can
be found in the typical characteristics section of this
datasheet.
Diode conduction losses
occur due to the forward
voltage drop (VF) and the output current. Diode
power losses can be approximated as follows:
()
D
1
I
V
P
OUT
F
D
×
×
=
For this reason, the Schottky diode is the rectifier of
choice. Using the lowest forward voltage drop will
help reduce diode conduction losses, and improve
efficiency.
Duty cycle, or the ratio of output voltage-to-input
voltage, determines whether the dominant factor in
conduction losses will be the internal MOSFET or
the Schottky diode. Higher duty cycles place the
power losses on the high side switch, and lower duty
cycles place the power losses on the schottky diode.
Inductor conduction losses
(PL) can be calculated
by multiplying the DC resistance (DCR) times the
square of the output current;
2
OUT
L
I
DCR
P
×
=
Also, be aware that there are additional core losses
associated with switching current in an inductor.
Since most inductor manufacturers do not give data
on the type of material used, approximating core
losses becomes very difficult, so verify inductor
temperature rise.
Switching losses occur twice each cycle
, when
the switch turns on and when the switch turns off.
This is caused by a non-ideal world where switching
transitions are not instantaneous, and neither are
currents. Figure 6 demonstrates (Or exaggerates.)
how switching losses due to the transitions dissipate
power in the switch.
Figure 6. Switching Transition Losses
Normally, when the switch is on, the voltage across
the switch is low (virtually zero) and the current
through the switch is high. This equates to low
power dissipation. When the switch is off, voltage
across the switch is high and the current is zero,
again with power dissipation being low. During the
transitions, the voltage across the switch (VS-D) and
the current through the switch (IS-D) are at middle,
causing
the
transition
to
be
the
highest
instantaneous power point. During continuous mode,
these losses are the highest. Also, with higher load
currents, these losses are higher. For discontinuous
operation, the transition losses only occur during the
“off” transition since the “on” transitions there is no
current flow through the inductor.
Component Selection
Input Capacitor
A 10
µF ceramic is recommended on each VIN pin
for bypassing.
X5R or X7R dielectrics are
recommended
for
the
input
capacitor.
Y5V
dielectrics lose most of their capacitance over
temperature and are therefore, not recommended.
Also, tantalum and electrolytic capacitors alone are
not recommended due their reduced RMS current
handling, reliability, and ESR increases.
An additional 0.1
µF is recommended close to the
VIN and PGND pins for high frequency filtering.
Smaller case size capacitors are recommended due
to their lower ESR and ESL. Please refer to layout
recommendations for proper layout of the input
capacitor.
Inductor Selection
The MIC2208 is designed for use with a 1
µH
inductor. Proper selection should ensure the
inductor can handle the maximum average and peak
currents required by the load. Maximum current
ratings of the inductor are generally given in two
methods; permissible DC current and saturation
current. Permissible DC current can be rated either
September 2005
11
M9999-092905
www.micrel.com


Similar Part No. - MIC2208BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2208YML MICREL-MIC2208YML Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
More results

Similar Description - MIC2208BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN31 SIGE-AATIAN31 Datasheet
210Kb / 5P
   1MHz 1.4A Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com